Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9015US Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9015US
Description  Digitally-Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9015US Datasheet(HTML) 4 Page - Xicor Inc.

  X9015US Datasheet HTML 1Page - Xicor Inc. X9015US Datasheet HTML 2Page - Xicor Inc. X9015US Datasheet HTML 3Page - Xicor Inc. X9015US Datasheet HTML 4Page - Xicor Inc. X9015US Datasheet HTML 5Page - Xicor Inc. X9015US Datasheet HTML 6Page - Xicor Inc. X9015US Datasheet HTML 7Page - Xicor Inc. X9015US Datasheet HTML 8Page - Xicor Inc. X9015US Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X9015
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .........................–65
°C to +135°C
Storage Temperature..............................–65°C to +150°C
Voltage on CS, INC, U/D, VH, VL and VCC
with Respect to VSS.................................. –1V to +7V
∆V = |VH–VL| .................................................................5V
Lead Temperature (Soldering 10 seconds)............. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Supply Voltage (VCC)
Limits
X9015
5V ±10%
X9015-2.7
2.7V to 5.5V
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes:
(1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage
= (Vw(n)(actual) – Vw(n)(expected)) = ±1 Ml Maximum.
(2) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml] = ±0.2 Ml.
(3) 1 Ml = Minimum Increment = RTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance Variation
–20
+20
%
VVH
VH Terminal Voltage
0
VCC
V
VVL
VL Terminal Voltage
0
VCC
V
Power Rating
10
mW
RTOTAL ≤ 50KΩ
RW
Wiper Resistance
200
400
IW = 1mA, VCC = 5V
RW
Wiper Resistance
400
1000
IW = 1mA, VCC = 2.7V
IW
Wiper Current
±1
mA
Noise
-120
dBV
Ref: 1kHz
Resolution
3%
Absolute Linearity(1)
-1
+1
MI(3)
Vw(n)(actual) – Vw(n)(expected)
Relative Linearity(2)
-0.2
+0.2
MI(3)
Vw(n+1) – [Vw(n)+MI]
RTOTAL Temperature Coefficient
±300
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
See circuit #3


Similar Part No. - X9015US

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015US8 INTERSIL-X9015US8 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8 INTERSIL-X9015US8 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015US8-2.7 INTERSIL-X9015US8-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015US8-2.7 INTERSIL-X9015US8-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9015US8I INTERSIL-X9015US8I Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results

Similar Description - X9015US

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com