Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM09N90GW Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM09N90GW
Description  N-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM09N90GW Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM09N90GW Datasheet HTML 1Page - Silicon Standard Corp. SSM09N90GW Datasheet HTML 2Page - Silicon Standard Corp. SSM09N90GW Datasheet HTML 3Page - Silicon Standard Corp. SSM09N90GW Datasheet HTML 4Page - Silicon Standard Corp. SSM09N90GW Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (at Tj = 25°C, unless otherwise specified)
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-source breakdown voltage
VGS=0V, ID=1mA
900
-
-
V
BV
DSS/
Tj
Breakdown voltage temperature coefficient
Reference to 25°C, ID=1mA
-
0.67
-
V/°C
RDS(ON)
Static drain-source on-resistance
VGS=10V, ID=4.5A
-
-
1.2
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward transconductance
VDS=10V, ID=4.5A
-
11.5
-
S
IDSS
Drain-source leakage current
V
DS=900V, VGS=0V
-
-
10
uA
VDS=720V ,VGS=0V, Tj = 125°C
-
-
100
uA
IGSS
Gate-source leakage current
VGS=±30V
-
-
±100
nA
Qg
Total gate charge
2
ID=8.6A
-
67.1
120
nC
Qgs
Gate-source charge
VDS=540V
-
17
-
nC
Qgd
Gate-drain ("Miller") charge
VGS=10V
-
19.9
-
nC
td(on)
Turn-on delay time
2
VDS=450V
-
25.8
-
ns
tr
Rise time
ID=5A
-
10.3
-
ns
td(off)
Turn-off delay time
RG=10Ω , VGS=10V
-
305
-
ns
tf
Fall time
RD=90Ω
-
536
-
ns
Ciss
Input capacitance
VGS=0V
-
4087 6000
pF
Coss
Output capacitance
VDS=25V
-
221
-
pF
Crss
Reverse transfer capacitance
f=1.0MHz
-
51
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward voltage
2
IS=8.6A, VGS=0V
-
-
1.5
V
IS
Continuous source current ( body diode )
VD=VG=0V, VS=1.5V
-
8.6
A
ISM
Pulsed source current (body diode )1
-
-
3
A
www.SiliconStandard.com
2 of 5
SSM09N90GW
8/31/2006 Rev.3.1


Similar Part No. - SSM09N90GW

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM09N90CGW SSC-SSM09N90CGW Datasheet
630Kb / 5P
   N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM09N90GW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com