Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM09N90CGW Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM09N90CGW
Description  N-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM09N90CGW Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM09N90CGW Datasheet HTML 1Page - Silicon Standard Corp. SSM09N90CGW Datasheet HTML 2Page - Silicon Standard Corp. SSM09N90CGW Datasheet HTML 3Page - Silicon Standard Corp. SSM09N90CGW Datasheet HTML 4Page - Silicon Standard Corp. SSM09N90CGW Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
N-channel Enhancement-mode Power MOSFET
BVDSS
900V
RDS(ON)
1.4
I D
7.6A
The SSM09N90CGW acheives fast switching performance
with low gate charge without a complex drive circuit. It is
suitable for high voltage applications such as AC/DC
Pb-free; RoHS-compliant TO-247
PRODUCT SUMMARY
DESCRIPTION
Notes:
1. Pulse width must be limited to avoid exceeding the safe operating area.
2. Pulse width <300us, duty cycle <2%.
3. Starting Tj=25°C, VDD=50V , L=6.8mH , RG=25Ω , IAS=6A.
converters and offline power supplies.
The SSM09N90CGW is in a TO-247 (TO-3P) package,
which is widely used for commercial and industrial
applications, where the greater pin spacing is needed
to meet safety specifications. The through-hole package
is suitable for vertical mounting, where a small footprint
G
D
S
TO-247 (suffix W)
is required on the board, and/or an external heatsink is
to be attached.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VDS
VGS
V
ID
IDM
A
PD
W/°C
EAS
Single pulse avalanche energy
3
mJ
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJC
Maximum thermal resistance, junction-case
0.6
°C/W
RΘJA
Maximum thermal resistance, junction-ambient
40
°C/W
Drain-source voltage
900
V
Gate-source voltage
±30
Continuous drain current, TC = 25°C
7.6
A
TC = 100°C
4.8
A
Pulsed drain current
1
25
Total power dissipation, TC = 25°C
208
W
-55 to 150
°C
Operating junction temperature range
-55 to 150
°C
Linear derating factor
1.6
120
THERMAL CHARACTERISTICS
Storage temperature range
SSM09N90CGW
8/28/2006 Rev.3.1
IAS
Avalanche current
6
A


Similar Part No. - SSM09N90CGW

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM09N90GW SSC-SSM09N90GW Datasheet
634Kb / 5P
   N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM09N90CGW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com