Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB170S Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SB170S
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SB170S Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SB170S Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SB170S Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120S THRU SB1B0S
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts Forward Current - 1.0 Ampere
Case: JEDEC A-401 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.008 ounce, 0.23 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
A-405
0.107 (2.7)
0.080 (2.0)
DIA.
0.025 (0.65)
0.021 (0.55)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
SB
120S
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
40.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
RθJA
CJ
TJ,
TSTG
50.0
80
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
SB
130S
SB
150S
SB
140S
SB
160S
SB
180S
SB
170S
SB
190S
100
70
100
SB
1B0S
70
49
70
90
63
90
Storage temperature range
C
-65 to +150
-65 to +125
-65 to +150
10.0
5.0
0.55
0.85
110
www.shunyegroup.com


Similar Part No. - SB170S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB170S GOOD-ARK-SB170S Datasheet
553Kb / 2P
   1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere
logo
Shanghai Shunye Electro...
SB170S SHUNYE-SB170S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB170S CHENDA-SB170S Datasheet
584Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SB170S DSK-SB170S Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SB170S BILIN-SB170S Datasheet
487Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB170S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com