Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS62951D-30CSTB Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS62951D-30CSTB
Description  150mA/ 300mA Low Dropout Linear Regulatror
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS62951D-30CSTB Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS62951D-30CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS62951D-30CSTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
SS62951/D

/0,  ,/   )!µ&/ ,
0/)1 !

(06)/),  1 )  #
/6 -6 !1-)
/ 9 6 #/6/#! ##//8/ 
6  #/6/#)  6/##  !!!
6)/)!()0/ 6 #/6/#8
,,0'4'/ #0($/
0&*/!.0)/ 9 #/6/#0
'4' # ($ /)   8 # 0 #/
6/#/)/) #0#8/0/)
,,,#0&*/)&/! !.0
)/  9  6  #/6/#8 )/) , , 
1, , #0 / :









=× +
+
×



µ


6


















µ




  !"

.0/)0/ !,6 
 #/)0#1 ,</1/ ),8/
 - ! (0 // ,##  #
,µ,)  //!%Ω
0 6   3! 5)/  !%Ω )/)  38
0 1/ ) , /   #- , )  + )0/ /
 6 ! & 1 ,, ,-8 ,0)/
3@EΩ #,) 0/)   !A+  0
/,   - /, )/ 0 )/)  
/,µ!

" # 
,  /, /)/ -1 #6  )
#,0/)) 0!
0#/)#,0 1 #/#01-/
, )/0)/70,  ,/!08
/), 1#,#1-1- ))/0
)/)/0#1 ,<#/6/#/0 ) ,  ,/
8 )/, 0 ,  ,/ 6/#)   #/,
 0   #1 ,<! (0 )/7  0/) ,  ,/
, 1, , #0 :
   ≅ π939 
.03/)0)/)0#1 ,<#/
6/# #/)0D,- 160/,00
/, )##1 ,</)1, ,/6!(0
#,/0/) 0/0D,-/ 
1/ 0 /0)/))/
0 #1 ,< #/6/#8 33F3 !  # 
 / /   ) 1/ /- 0 )/  /)
#,/ 1- )) ,  ,/8 / /  ) 1 ,)
) -/, )0)/70/ ,  ,/
1-0)  /


Rev.2.01 6/26/2003


Similar Part No. - SS62951D-30CSTB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS62 ASEMI-SS62 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
SS62003CNTB SSC-SS62003CNTB Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
More results

Similar Description - SS62951D-30CSTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com