Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA25YGL15RB103A503103G Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RA25YGL15RB103A503103G
Description  25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RA25YGL15RB103A503103G Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RA25YGL15RB103A503103G Datasheet HTML 1Page - TOCOSAMERICA, INC. RA25YGL15RB103A503103G Datasheet HTML 2Page - TOCOSAMERICA, INC. RA25YGL15RB103A503103G Datasheet HTML 3Page - TOCOSAMERICA, INC. RA25YGL15RB103A503103G Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
57
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . B = 5
Ω to 20kΩ
A,C = 100
Ω to 5kΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
(
5%,
2% or
1% special order )
End Resistance . . . . . . . . . . . . . . . . . . R ! 500
Ω =1Ω max.
R 0 500
Ω = 0.2% max.
Resistance Taper . . . . B = linear; A = CW audio (logarithm);
C = CCW audio (logarithm); RA25YPR model is linear only.
Power Rating . . . . . B = 1.2 watts; A,C = 0.6 watt, at
40 C
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Theoretical Resolution
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300
5
Shaft Torque
Single Unit . . . . . . 71.4 to 306 gf cm (0.99 to 4.242 oz in)
Tandem Unit . . . 71.4 to 714 gf cm (0.987 to 9.899 oz in)
Dual Unit . . . . . . 71.4 to 459 gf cm (0.987 to 6.363 oz in)
Stop Strength . . . . . . . . . . . . 10.2 kgf cm (141.4 oz in) max.
Mounting Nut Torque . . . . . . 15 kgf cm (207.94 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 3 seconds
Marking . . . . . . . . . . Taper, resistance, resistance tolerance,
terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . Y =
10 Cto
100 C
or X =
30 Cto
100 C
Temperature Characteristics . . . . . . . . . . .
85 C, 5 hours
without load
∆T/R ) 5%
Low Temperature Exposure . . . . . . .
10 C ( Y ),
30 C ( X )
1 hour without load
∆T/R ) 3%
Load Life . . . . . . . . . . . .
40 C, 1,000 hours with rated load
∆T/R ) 3%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
500 hours with 1/10 rated load
∆T/R ) 5%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
2 directions, 2 hours each
∆T/R ) 1%
Soldering Heat Resistance . . . . . . . . . 350 C, 3.5 seconds;
∆T/R ) 2%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) with 1/2 rated load
∆T/R ) 3%
R = Total Resistance Value;
∆T/R = Total Resistance Change
RA25 Series
25mm Diameter, Single-Turn, Wirewound Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
25mm diameter, single-turn industrial panel controls
Wirewound element
Linear or audio tapers
Single and tandem units, single shaft; dual unit, dual shaft
Metal shaft and bushing
Shaft lock models available
Panel mounting styles only
Right angle ear-lug terminals
6mm diameter shafts in slot, flat or round end styles
Standard 15mm or 20mm shaft length
Low operating temperature option of
10 C or
30 C, up to
100 C
Resistance (
Ω)
5
10
20
50
100
200
Resistance (
Ω)
500
1,000
2,000
5,000
10,000
Resolution ( % )
1.93
1.32
0.85
0.62
0.45
0.38
Resolution ( % )
0.29
0.19
0.26
0.19
0.15
RA25Y
RA25YG
RA25YPR


Similar Part No. - RA25YGL15RB103A503103G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2505 ETC-RA2505 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
SHENZHEN YONGERJIA INDU...
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
231Kb / 2P
   Silicon-Rectifiers
RA2505 DIOTEC-RA2505 Datasheet
261Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - RA25YGL15RB103A503103G

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
   25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA20 TOCOS-RA20 Datasheet
516Kb / 4P
   20mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
   16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
   20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com