Electronic Components Datasheet Search |
|
P6KE120 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
P6KE120 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 4 page P6KE6.8 THRU P6KE440CA GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage:6.8-440 Volts Peak Pulse Power:600 Watts FEATURE MECHANICAL DATA DO-15 0.140 (3.6) 0.104(2.6) DIA. 0.034 (0.9) 0.028 (0.7) DIA. Dimensions in inches and (millimeters) 600w peak pulse power capability Excellent clamping capability Low incremental surge resistance Fast response time:typically less than 1.0ps from 0v to VBR for unidirectional and 5.0ns ror bidirectional types. High temperature soldering guaranteed: 265 C/10S/9.5mm lead length at 5 lbs tension 0.300(7.6) 0.230(5.8) 1.0(25.4) MIN. 1.0 (25.4) MIN. Case: JEDEC DO-15 molded plastic body over passivated junction Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode except for bidirectional types Mounting Position: Any Weight: 0.014 ounce,0.40 grams MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. C Peak power dissipation (Note 1) Peak pulse reverse current (Note 1, Fig.3) Steady state power dissapation (Note 2) Peak forward surge current (Note 3) Maximum instantaneous forward voltage at 50A for unidirectional only (Note 4) Operating junction and storage temperature range Pppm Ippm PM(AV) IFSM TSTG,TJ 3.5/5.0 SYMBOLS UNITS VALUE Minimum 600 See Table 1 5.0 100 -55 to + 175 VF Watts Amps Watts Amps Volts DEVICES FOR BIDIRECTIONAL APPLICATIONS For bidirectional use suffix C or CA for types P6KE6.8 thru P6KE440 (e.g. P6KE6.8CA,P6KE440CA) Electrical characteristics apply in both directions. 1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2 2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5 3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum. 4.VF=3.5V max.for devices of V(BR)<200V,and VF=5.0V max.for devices of V(BR)>200V Notes: www.shunyegroup.com |
Similar Part No. - P6KE120 |
|
Similar Description - P6KE120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |