Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X68C75PI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X68C75PI
Description  Port Expander and E2 Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C75PI Datasheet(HTML) 4 Page - Xicor Inc.

  X68C75PI Datasheet HTML 1Page - Xicor Inc. X68C75PI Datasheet HTML 2Page - Xicor Inc. X68C75PI Datasheet HTML 3Page - Xicor Inc. X68C75PI Datasheet HTML 4Page - Xicor Inc. X68C75PI Datasheet HTML 5Page - Xicor Inc. X68C75PI Datasheet HTML 6Page - Xicor Inc. X68C75PI Datasheet HTML 7Page - Xicor Inc. X68C75PI Datasheet HTML 8Page - Xicor Inc. X68C75PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
X68C75 SLIC® E2
determine the early completion of a write cycle. During
the internal programming cycle, I/O6 will toggle from “1”
to “0” and “0” to “1” on subsequent attempts to read from
the memory plane that is being updated. When the
internal cycle is complete, the toggling will cease and the
device will be accessible for additional read or write
operations. Due to the dual plane architecture, reads for
polling must occur from the plane that was written; that
is, the state of A12 during a write must match the state of
A12 during polling.
DATA PROTECTION
The X68C75 provides two levels of data protection
through software control. There is a global software data
protection feature similar to the industry standard for
E2PROMs and a new Block Lock Protect write lockout
protection providing a secondary level data security
option.
Figure 1. Toggle Bit Polling E Control
CE
AS
A/D0–A/D7
A8–A12
E
R/W
AIN
DIN
A12=n
OPERATION
LAST BYTE
WRITTEN
I/O6=X
X68C75 READY FOR
NEXT OPERATION
2899 ILL F05
AIN DOUT
A12=n
AIN DOUT
A12=n
AIN DOUT
A12=n
AIN
A12=n
AIN
ADDR
I/O6=X
I/O6=X
I/O6=X
DOUT


Similar Part No. - X68C75PI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64P XICOR-X68C64P Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PI XICOR-X68C64PI Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68C64PM XICOR-X68C64PM Datasheet
62Kb / 12P
   E2 Micro-Peripheral
More results

Similar Description - X68C75PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C75 XICOR-X88C75 Datasheet
125Kb / 27P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com