Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8047GT63TB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8047GT63TB
Description  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT63TB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8047GT63TB Datasheet HTML 1Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 2Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT63TB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.SiliconStandard.com
2 of 11
Rev.2.02 7/06/2004
SS8047
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………………....................................................................…..…..…7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature…..……………............................................................…….…..150°C
Storage Temperature Range….……......................................................................................…..-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220 Package………………………….........................................................................…………260°C, 10s
TO 252, TO 263, SOT 223 Package…………......................................................................…...260°C, 4s
Continuous Power Dissipation (TA = + 25°C)
SOT 223
(1) ………………………................................................................…….….……….………..0.8W
TO 252
(1) ………..……………................................................................……….……….….………..1.0W
TO 263
(1) ………..……………….………................................................................…….….………..1.6W
Note
(1): See Recommended Minimum Footprint.
Operating Conditions
(Note 1)
Input Voltage…………………………….....................................................................…………….3.3V~6V
Temperature Range………………...............................................................................…………0°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =5V, IO = 1A, CIN = 1µF, COUT =10 µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 5V, 10mA < IO < 1A
Output Voltage
VIN = 3.3V, 10mA < IO < 500mA
2.475
2.50
2.575
V
Line Regulation
3.3V < VIN < 6V, IO = 10mA
3
30
mV
VIN = 5V, 10mA < IO < 1A
35
50
mV
Load Regulation
VIN = 3.3V, 10mA < IO < 500mA
25
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
80
m
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz,Vripple =2VP-P, Io = 100mA
46
dB
IO = 1A
1.15
V
IO = 500mA
420
mV
Dropout Voltage
IO = 100mA
200
mV
Short Circuit Current
1.6
A
Over Temperature
150
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed.
For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal
resistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is Tjmax-TA /
θ
JA. If this dissipation is exceeded, the die temperature will rise above 150°C
and IC will go into thermal shutdown. For the SS8047 in SOT 223 package,
θ
JA is 156°C/W; in TO 263
package,
θ
JA is 75°C/W, and in the TO 252 package,
θ
JA is 125°C/W (See recommend minimum foot-
print). The safe operation in SOT 223,TO 252 & TO 263 package, it can see “Typical Performance
Characteristics” (Safe Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient
as possible.
Note4: The type of output capacitor should be tantalum or aluminum.


Similar Part No. - SS8047GT63TB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

Similar Description - SS8047GT63TB

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com