Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X68C64S Datasheet(PDF) 9 Page - Xicor Inc.

Part # X68C64S
Description  E2 Micro-Peripheral
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C64S Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X68C64S Datasheet HTML 4Page - Xicor Inc. X68C64S Datasheet HTML 5Page - Xicor Inc. X68C64S Datasheet HTML 6Page - Xicor Inc. X68C64S Datasheet HTML 7Page - Xicor Inc. X68C64S Datasheet HTML 8Page - Xicor Inc. X68C64S Datasheet HTML 9Page - Xicor Inc. X68C64S Datasheet HTML 10Page - Xicor Inc. X68C64S Datasheet HTML 11Page - Xicor Inc. X68C64S Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
X68C64
9
E Controlled Write Cycle
Symbol
Parameter
Min.
Max.
Units
PWASH
Address Strobe Pulse Width
80
ns
tASL
Address Setup Time
20
ns
tAHL
Address Hold Time
30
ns
tDSW
Data Setup Time
50
ns
tDHW
Data Hold Time
30
ns
tCSL
CE Setup Time
7
ns
PWEH
E Pulse Width
120
ns
tWC
Write Cycle Time
5
ms
tES
Enable Setup Time
30
ns
tRWS
R/
W Setup Time
20
ns
tEH
E Hold Time
20
ns
tBLC
Byte Load Time (Page Write)
0.5
100
µs
3868 PGM T10
E Controlled Write Cycle
3868 FHD F06.1
Note:
(4) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
AS
A/D0–A/D7
A8–A12
R/W
AIN
DIN
3868 FHD F06
PWASH
CE
tCSL
tASL
tAHL
A8–A12
tES
tDSW
tDHW
PWEH
tRWS
tEH
tEH
tEH
E


Similar Part No. - X68C64S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
   Port Expander and E2 Memory
X68C75J XICOR-X68C75J Datasheet
123Kb / 26P
   Port Expander and E2 Memory
X68C75JI XICOR-X68C75JI Datasheet
123Kb / 26P
   Port Expander and E2 Memory
X68C75JM XICOR-X68C75JM Datasheet
123Kb / 26P
   Port Expander and E2 Memory
More results

Similar Description - X68C64S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com