Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8026T52TB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8026T52TB
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T52TB Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS8026T52TB Datasheet HTML 3Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 4Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 5Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 6Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 7Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 8Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 9Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 10Page - Silicon Standard Corp. SS8026T52TB Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
Rev.2.02 12/06/2003
SS8026
Maximum Power Dissipation of TO 252
Safe Operating Area of TO 252
Note: V IN(max) <= 6.5V
0
200
400
600
800
1000
1200
1400
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25 ¢J
TA=55 ¢J
TA=85 ¢J
Maximum recommended output current
1oz Copper on TO-252 Package
Mounted on recommended mimimum
footprint (R£c
JA=125°C/W)
TA=25 °C,Still Air
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T A (¢J
)
Still Air
1oz Copper on TO-252 Package
Mounted on recommend mimimum footprint
(R £c
JA=125 °C/W)
Recommend Minimum Footprint


Similar Part No. - SS8026T52TB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8026T52TB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com