Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8026T65TR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8026T65TR
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T65TR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8026T65TR Datasheet HTML 1Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 2Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 3Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 4Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 5Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 6Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 7Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 8Page - Silicon Standard Corp. SS8026T65TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
Rev.2.02 12/06/2003
SS8026
Absolute Maximum Ratings
(Note 1)
Input Voltage………………...................................................................……………………..…..…7V
Power Dissipation Internally Limited…....................................................................
(Note 2)
Maximum Junction Temperature….......................................................……………............…..150°C
Storage Temperature Rang…........................................................................................-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
SOT 223 Package……………….…….......................................................................………..260°C, 4s
Continuous Power Dissipation (TA = +25°C)
SOT 89
(1) ……………………......................................................................………………..….…0.5W
SOT 223
(1) ……………...................................................................………...……………….…....0.8W
TO 252
(1)
……………………….................................................................................................................………………………………………………….1.0W
Note
(1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage……………………........................................................................……………..2.7V~6.5V
Temperature Range…………..........................................................................................…0°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =3.3V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
10mA < IO < 1A
1.764
1.800
1.845
V
Line Regulation
3V < VIN < 6.5V, IO = 10mA
3
30
mV
Load Regulation
10mA < IO < 1A
30
50
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
80
m
Quiescent Current
VIN = 3.3V
480
µA
Ripple Rejection
fi = 120Hz,Vripple =1VP-P, Io = 100mA
53
dB
IO = 0A
880
IO = 100mA
895
IO = 500mA
950
Dropout Voltage
IO = 1A
1160
mV
VIN = 3V(SOT 223)
Minimum footprint
(0.0625 square inch)
660
mA
VIN = 3.3V(SOT 223)
Mounted on 0.53
square inch pcb area
1
A
Output Current
Continuous Test,
TA = 25°C, TJ 150°C,
VOUT within ±2%
VIN = 3.3V(SOT 89)
Mounted on 0.16
square inch pcb area
0.5
A
Short Circuit Current
1.6
A
Over Temperature
150
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions
are conditions under which the device functions but the specifications might not be guaranteed. For guaran-
teed specifications and test conditions see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of the maximum junction temperature, TJmax , total thermal re-
sistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient te m-
perature is Tjmax-TA / θJA. If this dissipation is exceeded, tthe die temperature will rise above 150°C and the IC will
go into thermal shutdown. For the SS8026 in SOT 89 package,
θ
JA is 250°C/W. For the SS8026 in SOT 223
package,
θ
JA is 156°C/W; in TO 252 package, θJA is 125°C/W. (See recommend minimum footprint). The safe
operation in SOT 89, SOT 223, TO 252 package, can be seen in “Typical Performance Characteristics” (Safe
Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperatures as close to ambient as
possible.
Note4: The output capacitor should be a tantalum or aluminum type.


Similar Part No. - SS8026T65TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8026T65TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com