Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8061G Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8061G
Description  1A Low Dropout Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8061G Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8061G Datasheet HTML 1Page - Silicon Standard Corp. SS8061G Datasheet HTML 2Page - Silicon Standard Corp. SS8061G Datasheet HTML 3Page - Silicon Standard Corp. SS8061G Datasheet HTML 4Page - Silicon Standard Corp. SS8061G Datasheet HTML 5Page - Silicon Standard Corp. SS8061G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
6 of 6
SS8061G
1/21/2005 Rev.2.01
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
4.05
4.25
0.159
0.167
C
1.50
1.70
0.059
0.067
D
1.30
1.50
0.051
0.059
E
2.40
2.60
0.094
0.102
F
0.80
-----
0.031
-----
G
3.00 REF
0.118 REF
H
1.50 REF
0.059 REF
I
0.40
0.52
0.016
0.020
J
1.40
1.60
0.055
0.063
K
0.35
0.41
0.014
0.016
L
5º TYP
5º TYP
Taping Specification
PACKAGE
Q’TY/REEL
SOT-89-5
1,000 ea
Feed Direction
SOT-89-5 Package Orientation
Feed Direction
SOT-89-5 Package Orientation
I
H
G
B
E
F
D
C
A
I
H
G
B
E
F
D
C
A
L
K
J
L
K
J
PHYSICAL DIMENSIONS
SOT-89-5


Similar Part No. - SS8061G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTR SSC-SS8000GQTR Datasheet
797Kb / 14P
   GSM Power-Management System
SS8000GQTY SSC-SS8000GQTY Datasheet
797Kb / 14P
   GSM Power-Management System
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
More results

Similar Description - SS8061G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
   1A Low Dropout Regulator with Enable
G964 GMT-G964 Datasheet
41Kb / 1P
   1A Low Dropout Regulator with Enable
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
   2.5V 1A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Diodes Incorporated
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
logo
ON Semiconductor
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
logo
Diodes Incorporated
AP7361 DIODES-AP7361_17 Datasheet
897Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com