Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8027GT34TR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8027GT34TR
Description  3.3V 1A Low Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027GT34TR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8027GT34TR Datasheet HTML 1Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 2Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 3Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 4Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 5Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 6Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 7Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 8Page - Silicon Standard Corp. SS8027GT34TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.SiliconStandard.com
2 of 10
5/26/2005 Rev.2.2
SS8027G
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………….……………...................................................................……..……10V
Power Dissipation Internally Limited
.
(Note 2)
Maximum Junction Temperature.…..……………...............................................................………...150°C
Storage Temperature Range….……....................................................................................…...-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220, TO 263 Package…………….........................................................................…..………..260°C, 10s
TO 252, SOT 223 Package………………….........................................................................………260°C, 4s
Continuous Power Dissipation (TA = +25°C)
SOT 223
(1) ……………………..................................................................………….………………....0.8W
TO 252
(1) ……………………………..................................................................….………………..….1.0W
TO 263
(1) ……………………………..................................................................….………………..….1.6W
TO 220
(1) ………………………….………..................................................................……………..….2.0W
Note
(1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage……………………………….....................................................................…………….4V~7V
Temperature Range………….…….........................................................................................……-40°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =5V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
50mA < IO <1A
3.234
3.3
3.366
V
Line Regulation
4V < VIN < 7V, IO = 10mA
20
30
mV
Load Regulation
50mA < IO < 1A
30
50
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
100
m
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz, 1VP-P, Io = 100mA
42
dB
IO = 1A
0.8
V
Dropout Voltage
IO = 100mA
200
mV
Short Circuit Current
1.6
1.9
A
Over Temperature
125
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed.
For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of the maximum junction temperature, TJmax , total thermal
resistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is Tjmax-TA /
θ
JA. If this dissipation is exceeded, the die temperature will rise above 150°C
and IC will go into thermal shutdown. For the SS8027G in the SOT-223 package,
θ
JA is 156°C/W; in the
TO-252 package,
θ
JA is 125°C/W; in the TO-263 package,
θ
JA is 75°C/W, and in the TO-220 package,
θ
JA is 60°C/W (no heat sink). [See Recommended Minimum Footprint] If the TO-220 package is used
with a heat sink,
θ
JA is the sum of the package thermal resistance junction-to-case (
θ
JC) of 3°C/W and
the thermal resistance added by the heat sink and thermal interface.The thermal resistance can be
reduced by increasing the P.C. board copper area thermally connected to the package. The safe op-
eration area of SOT-223, TO-252, TO-263 or TO-220 packages can be seen in “Typical Performance
Characteristics” (Safe Operating Area).
Note3: Low duty-cycle pulse techniques are used during test to maintain the junction temperature as close
to ambient temperature as possible.
Note4: The output capacitor should be a tantalum or aluminum type.


Similar Part No. - SS8027GT34TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8027GT34TR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com