Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8026T31TR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8026T31TR
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T31TR Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8026T31TR Datasheet HTML 4Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 5Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 6Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 7Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 8Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 9Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 10Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 11Page - Silicon Standard Corp. SS8026T31TR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
Rev.2.02 12/06/2003
SS8026
Package Information
SOT-89 (T2) Package
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
1.40
1.50
1.60
0.055
0.059
0.063
A1
0.80
1.04
-----
0.031
0.041
-----
b
0.36
0.42
0.48
0.014
0.016
0.048
b1
0.41
0.47
0.53
0.016
0.018
0.020
C
038
0.40
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
HE
-----
-----
4.25
-----
-----
0.167
E
2.40
2.50
2.60
0.094
0.098
0.102
e
2.90
3.00
3.10
0.114
0.118
0.122
D
D1
E
A1
HE
e
b
b
b1
A
POLISH
MATTE FINISH
C
POLISH


Similar Part No. - SS8026T31TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8026T31TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com