Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8026T21TR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8026T21TR
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T21TR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8026T21TR Datasheet HTML 1Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 2Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 3Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 4Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 5Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 6Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 7Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 8Page - Silicon Standard Corp. SS8026T21TR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS8026
Rev.2.02 12/06/2003
1.8V 1A Positive Voltage Regulator
Features
Output current in excess of 1A
Output voltage accuracy +2.5%/-2%
Quiescent current typically 480µA
Internal short-circuit current-limit
Internal over-temperature protection
Applications
PC motherboard
ADSL/Cable Modem
Set-Top Box
LAN switch/Hub
Broadband/Router
General Description
The SS8026 positive 1.8V voltage regulator features
the ability to source 1A of output current. The typical
quiescent current is 0.48mA.
Familiar regulator features such as over-temperature
and over-current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
SS8026XXXXX
Packing Type
Pin Option
Package Type
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SOT-89
1
2
3
TR : Tape & Reel
T3 : TO 220
1 : VOUT
GND
VIN
TB : Tubes
T4 : TO 252
2 : VOUT
VIN
GND
T5 : TO-263
3 : GND
V OUT
VIN
T6 : SOT-223
4 : GND
V IN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Pin Configuration
[Note 4] : Type of COUT
SS8026
C1
1µF
IQ
V
IN
VOUT
I
O
C
OUT
10µF
Top View
1
3
2
Top View
1
2
3
Top View
1
2
3
Top View
1
3
2
Top View
1
3
TO-220
2
Top View
1
2
3
Top View
Top View
1
2
3
SOT-223 and SOT-89
Top View
1
2
3
TO-252 and TO-263
Top View
1
2
3
Ordering Information


Similar Part No. - SS8026T21TR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8026T21TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com