Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8014-25GTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8014-25GTR
Description  300mA Low-Noise LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014-25GTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8014-25GTR Datasheet HTML 1Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 2Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 3Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 4Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 5Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 6Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 7Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 8Page - Silicon Standard Corp. SS8014-25GTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
1/12/2005 Rev.2.10
SS8014-xxG
Typical Performance Characteristics
(VIN = V O+1V, CIN=1µF, COUT=1µF, V SHDN = VIN, SS8014-33, TA =25°C, unless otherwise noted.)
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
Input Voltage (V)
ILOAD =300mA
ILOAD=50mA
ILOAD=0mA
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
Load Current (mA)
VIN=3.6V
No Load
3.240
3.250
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
0
50
100
150
200
250
300
Load Current (mA)
SS8014-33
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
Input Voltage (V)
No Load
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
Loading (mA)
SS8014-18
SS8014-15
TA =25°C
Top to down
SS8014-27
SS8014-28
SS8014-30
SS8014-33
SS8014-29
Dropout Voltage vs. Load Current
Ouptut Noise 10HZ to 100KHZ
Output Voltage vs. Input Voltage
Supply Current vs. Input Voltage
Output Voltage vs. Load Current
Ground Current vs. Load Current
Note 1: Limits are 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to maintain
junction temperature as close to ambient as possible.
Note 2: VIN (min)=VOUT (STD)+VDROPOUT
Note 3: Not tested. For design purposes, the current limit should be considered 400mA minimum to 600m A maxi-
mum.
Note 4: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100m V below the value of VOUT for VIN = VOUT +1V.
For the performance of e ach SS8014-xx version, see “Typical Performance Characteristics”.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range from 1mA to 300mA. Changes in output due to heating effects are covered
by the thermal regulation specification.
SS8014-25


Similar Part No. - SS8014-25GTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8014G SSC-SS8014G Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
SS8014GTR SSC-SS8014GTR Datasheet
180Kb / 6P
   150mA Low-Noise LDO Regulator
More results

Similar Description - SS8014-25GTR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com