Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F064SI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X24F064SI
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064SI Datasheet(HTML) 3 Page - Xicor Inc.

  X24F064SI Datasheet HTML 1Page - Xicor Inc. X24F064SI Datasheet HTML 2Page - Xicor Inc. X24F064SI Datasheet HTML 3Page - Xicor Inc. X24F064SI Datasheet HTML 4Page - Xicor Inc. X24F064SI Datasheet HTML 5Page - Xicor Inc. X24F064SI Datasheet HTML 6Page - Xicor Inc. X24F064SI Datasheet HTML 7Page - Xicor Inc. X24F064SI Datasheet HTML 8Page - Xicor Inc. X24F064SI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X24F064/032/016
3
DEVICE OPERATION
The X24F064/032/016 supports a bidirectional bus ori-
ented protocol. The protocol defines any device that
sends data onto the bus as a transmitter, and the re-
ceiving device as the receiver. The device controlling
the transfer is a master and the device being controlled
is the slave. The master will always initiate data trans-
fers, and provide the clock for both transmit and receive
operations. Therefore, the X24F064/032/016 will be
considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer
to Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24F064/032/016 continuously monitors
the SDA and SCL lines for the start condition and will
not respond to any command until this condition has
been met.
SCL
SDA
DATA STABLE
DATA
CHANGE
6686 ILL F04
SCL
SDA
START BIT
STOP BIT
6686 ILL F05
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (2.7V)
(6) tPR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal program operation.


Similar Part No. - X24F064SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F064SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com