Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6781BCNTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6781BCNTR
Description  Battery Charge Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCNTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6781BCNTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 9Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 10Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 11Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781BCNTR Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
9
SS6781B
PIN 1: PEAK-
n in
PIN 2: VBT-
ut to
PIN 3: DIS-
1B
enters discharge
PIN 4: VTS-
S pin is
PIN 6: ADJ-
of
T/∆t detection is disabled.
PIN 7: SEL3-
perature
protection function.
PIN 8: TMR-
al resistor
PIN 9: MODE-
f
1
PIN 10: SEL2 -
completion of fast
n 10.
IN 12: GND- Power ground.
PIN 14: LED2-
tting of SEL1 and SEL2
PIN 15: ICON-
harging current to
PIN 16: DSW-
in
application
informations).
PIN DESCRIPTIONS
Tri-level input, determining the
period of peak voltage timer.
(See 0∆V cut-off sectio
application informations.)
Divided battery voltage inp
sense the battery voltage.
Push-pull output, used to
control an external transistor to
discharge the battery. DIS is
active
high
when
the
SS678
mode.
The battery cell temperature is
represented as a voltage input
to the SS6781B at this pin.
The acceptable voltage range
of VTS pin is 0.29VCC to
0.72VCC.
The
battery
temperature is regarded as too
high if the voltage of VTS pin is
lower than 0.29VCC, and is
otherwise regarded as too low
if the voltage of VT
higher than 0.72VCC.
PIN 5: VCC- Power supply input at 5V±10%.
For adjusting the slope of ∆T/∆t.
Acceptable voltage range for
this pin is approximately 0.28V
to 3.8V. If voltage higher than
VCC-0.3V, the function
Determine
the
acceptable
voltage range of VBT pin and
mode
of
tem
Determine the period of safety
timer with an extern
connected to GND.
Determine
the
mode
o
operation for the SS678 B.
Tri-level inputs, that jointly
control the LED display mode
and the duty of trickle charge
after the
charge.
PIN 11: SEL1- The same as Pi
P
PIN 13: LED1 &
Open-drained outputs used to
indicate the battery charging
status. Two modes of display
are available, depending on
the se
pins.
Open-drained output, used to
control the c
the battery.
Controlling the function of
discharge-
before-
charge.
(See discharge- before- charge
subsection


Similar Part No. - SS6781BCNTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
   Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
   Battery Charger Controller
More results

Similar Description - SS6781BCNTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com