Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F016VE Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24F016VE
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F016VE Datasheet(HTML) 1 Page - Xicor Inc.

  X24F016VE Datasheet HTML 1Page - Xicor Inc. X24F016VE Datasheet HTML 2Page - Xicor Inc. X24F016VE Datasheet HTML 3Page - Xicor Inc. X24F016VE Datasheet HTML 4Page - Xicor Inc. X24F016VE Datasheet HTML 5Page - Xicor Inc. X24F016VE Datasheet HTML 6Page - Xicor Inc. X24F016VE Datasheet HTML 7Page - Xicor Inc. X24F016VE Datasheet HTML 8Page - Xicor Inc. X24F016VE Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SerialFlashTM Memory with Block LockTM Protection
64K/32K/16K
8K/4K/2K x 8 Bit
©Xicor, 1995, 1996 Patents Pending
6686-3.8 8/29/96 T3/C0/D0 SH
1
Characteristics subject to change without notice
X24F064/032/016
FUNCTIONAL DIAGRAM
FEATURES
1.8V to 3.6V or 5V “Univolt” Read and
Program Power Supply Versions
Low Power CMOS
—Active Read Current Less Than 1mA
—Active Program Current Less Than 3mA
—Standby Current Less Than 1
µA
Internally Organized 8K/4K/2K x 8
New Programmable Block Lock Protection
—Software Write Protection
—Programmable hardware Write Protect
Block Lock (0, 1/4, 1/2, or all of the Flash
Memory array)
2 Wire Serial Interface
Bidirectional Data Transfer Protocol
32 Byte Sector Programming
Self Timed Program Cycle
—Typical Programming Time of 5ms
Per Sector
High Reliability
—Endurance: 100,000 cycles per byte
—Data Retention: 100 Years
Available Packages
—8-Lead PDIP
—8-Lead SOIC (JEDEC)
—14-Lead TSSOP (X24F032/016)
—20-Lead TSSOP (X24F064)
DESCRIPTION
The
X24F064/032/016
is
a
CMOS
SerialFlash
Memory Family, internally organized 8K/4K/2K x 8.
The family features a serial interface and software
protocol allowing operation on a simple two wire bus.
Device select inputs (S0, S1, S2) allow up to eight
devices to share a common two wire bus.
A Program Protect Register accessed at the highest
address location, provides three new programming
protection features: Software Programming Protection,
Block Lock Protection, and Hardware Programming
Protection. The Software Programming Protection
feature prevents any nonvolatile writes to the device
until the WEL bit in the program protect register is set.
The Block LockTM Protection feature allows the user to
individually protect four blocks of the array by program-
ming two bits in the programming protect register. The
Programmable Hardware Program Protect feature
allows the user to install each device with PP tied to
VCC, program the entire memory array in place, and
then enable the hardware programming protection by
programming a PPEN bit in the program protect
register. After this, selected blocks of the array,
including the program protect register itself, are
permanently protected from being programmed.
6686 ILL F01.5
COMMAND
DECODE
AND CONTROL
LOGIC
X
DECODE
LOGIC
SECTORED
MEMORY
ARRAY
SDA
SCL
S2/S2
PROGRAM
PROTECT
REGISTER
PROGRAMMING
CONTROL LOGIC
PP
HIGH VOLTAGE
CONTROL
SECTOR DECODE LOGIC
32
8
DATA REGISTER
S1/S1
S0/S0
SerialFlashMemory and Block Lock
Protection are trademarks of Xicor, Inc.
APPLICATION NOTE
A V A I L A B L E
AN76 • AN78 • AN81 • AN87


Similar Part No. - X24F016VE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F016VE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com