Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6734-20GUTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6734-20GUTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6734-20GUTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6734-20GUTR Datasheet HTML 1Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 2Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 3Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 4Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 5Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 6Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 7Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 8Page - Silicon Standard Corp. SS6734-20GUTR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SS6734G
1/15/2005 Rev.2.10
300mA Low Dropout Linear Regulator
FEATURES
Low dropout voltage of 470mV at an output
current of 300mA (3.0V output version).
Guaranteed 300mA output current.
Low ground current of 55
µA.
Output voltage accuracy of 2% at 1.8V/ 2.0V /2.5V
/2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/5.2V
Only needs 1
µF output capacitor for stability.
Current and thermal limiting.
APPLICATIONS
CD-ROM Drivers.
LAN Cards.
Microprocessors.
DRAM Modules.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The SS6734G is a 3-pin low-dropout linear
regulator with superior characteristics, which
include zero base current loss, very low drop-
out voltage, and output voltage accuracy of 2%.
Typical ground current remains approximately
55
µA, for loads ranging from zero to maximum.
Dropout voltage at an output current of 300mA
is exceptionally low. Built-in output current
limiting and thermal limiting provide maximum
protection against fault conditions.
The SS6734G is available in RoHS-compliant
SOT-23-3, SOT-89, and TO-92 packages.
TYPICAL APPLICATION CIRCUIT
+
+
SS6734G
1
µF
COUT
VOUT
VOUT
GND
VIN
1
µF
CIN
VIN
Low Dropout Linear Regulator
(CIN and COUT should be electrolytic capacitors)
Pb-free, RoHS compliant.


Similar Part No. - SS6734-20GUTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6734-20GUTR ETC-SS6734-20GUTR Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - SS6734-20GUTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com