Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6729-4619CNTB Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6729-4619CNTB
Description  400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6729-4619CNTB Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6729-4619CNTB Datasheet HTML 1Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 2Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 3Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 4Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 5Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 6Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 7Page - Silicon Standard Corp. SS6729-4619CNTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS6729
TYPICAL APPLICATION CIRCUIT
SS6729
ORDERING INFORMATION
PIN CONFIGURATION
Packing type
TB: tubes (PDIP is only available in tubes)
TR: tape and reel
Package type
N: plastic DIP
S: small outline
LDO output voltage
18: 1.8V
:
:
40: 4.0V
Voltage detector voltage
30: 3.0V
:
:
46: 4.6V
LDO output voltage and voltage detector are available on 0.1V increments
Top view
$
'&6
'&(
#$(
$
#$6
$&



'
SS6729XXXX-CXXX
Example: SS6729-3018CSTR
$
 3.0V voltage detector, 1.8V LDO output
voltage, in SO-8, shipped on tape and reel
SS6729
SS6729
SS6729
SS6729
SS6729
SS6729
Rev.2.02 3/21/2004


Similar Part No. - SS6729-4619CNTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6721-50GXTR SSC-SS6721-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-50GZTR SSC-SS6721-50GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GXTR SSC-SS6721-GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GZTR SSC-SS6721-GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721D-50GXTR SSC-SS6721D-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
More results

Similar Description - SS6729-4619CNTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com