Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3417D-101M Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # TC3417D-101M
Description  TOROID INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

TC3417D-101M Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  TC3417D-101M Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD TC3417D-101M Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD TC3417D-101M Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD TC3417D-101M Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
l SPECIFICAL GUIDE FOR STANDARD COIL(TEST FREQ:1.0KHZ/0.25V)
PART NO
L(
μH)
At IDC=0A
DCR
(m
Ω)max
Imax
(A)
L(
μH)
At IDC max
A
(mm max)
B
(mm max)
TC0805D-5R0M
5
0.007
0.5
4.9
7.5
4.5
TC0805D-9R0M
9
0.011
0.3
8.8
8.0
4.5
TC0805D-150M
15
0.070
0.5
13.5
7.5
4.5
TC0804D-200M
20
0.198
0.2
19.8
7.5
4.0
TC0804D-270M
27
0.033
0.1
27
7.5
4.0
TC0805D-270M
27
0.031
0.3
25.5
8.0
4.5
TC1207D-100M
10
0.017
2
7.7
12.0
7.0
TC1106D-120M
12
0.040
1
10.7
10.5
6.0
TC1207D-320M
32
0.065
1
25
12.0
7.0
TC1006D-370M
37
0.134
0.5
33.7
10.0
5.5
TC1006D-141M
140
0.265
0.5
107
10.0
6.0
TC1507D-8R2M
8.2
0.017
2
7.2
14.5
7.0
TC1508D-220M
22
0.030
2
17
14.5
7.5
TC1406D-240M
24
0.055
1
22
13.5
6.0
TC1306D-560M
56
0.181
0.5
53
12.5
5.5
TC1407D-680M
68
0.095
1
53
13.5
6.5
TC1307D-241M
240
0.360
0.5
190
13.0
6.5
TC1608D-150M
15
0.023
2
12.6
15.5
7.5
TC1507D-430M
43
0.074
1
37
14.5
7.0
TC1609D-680M
68
0.056
2
42
15.5
9.0
TC1407D-111M
110
0.250
0.5
100
14.0
6.5
TC1508D-141M
140
0.140
1
104
15.0
7.5
TC1508D-361M
360
0.460
0.5
285
14.5
7.5
TC1809D-200M
20
0.021
3
15
17.5
9.0
TC1709D-300M
30
0.035
2
25
17.0
8.5
TC1810D-600M
60
0.038
3
35
18.0
10.0
TC1608D-680M
68
0.101
1
60
16.0
7.5
TC1709D-101M
100
0.081
2
63
17.0
9.0
TC1708D-221M
220
0.190
1
162
16.5
8.0
TC2212D-220M
22
0.014
5
15
21.5
11.5
TC2111D-290M
29
0.020
4
20
21.0
11.0
TC2111D-350M
35
0.026
3
28
20.5
10.5
TC SERIES
TOROID INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
24


Similar Part No. - TC3417D-101M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-20 TI-TC341-20 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-30 TI-TC341-30 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC341-40 TI-TC341-40 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
More results

Similar Description - TC3417D-101M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
7001-RC BOURNS-7001-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com