Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25128SI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25128SI
Description  SPI Serial E 2 PROM with Block Lock TM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25128SI Datasheet(HTML) 2 Page - Xicor Inc.

  X25128SI Datasheet HTML 1Page - Xicor Inc. X25128SI Datasheet HTML 2Page - Xicor Inc. X25128SI Datasheet HTML 3Page - Xicor Inc. X25128SI Datasheet HTML 4Page - Xicor Inc. X25128SI Datasheet HTML 5Page - Xicor Inc. X25128SI Datasheet HTML 6Page - Xicor Inc. X25128SI Datasheet HTML 7Page - Xicor Inc. X25128SI Datasheet HTML 8Page - Xicor Inc. X25128SI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
X25128
2
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of
the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the
clock input, while data on the SO pin change after the
falling edge of the clock input.
Chip Select (CS)
When CS is high, the X25128 is deselected and the
SO output pin is at high impedance and unless an
internal write operation is underway, the X25128 will
be in the standby power mode. CS low enables the
X25128, placing it in the active power mode. It should
be noted that after power-up, a high to low transition
on CS is required prior to the start of any operation.
Write Protect (WP)
When WP is low and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25128 status register are
disabled, but the part otherwise functions normally.
When WP is held high, all functions, including nonvola-
tile writes operate normally. WP going low while CS is
still low will interrupt a write to the X25128 status
register. If the internal write cycle has already been
initiated, WP going low will have no effect on a write.
The WP pin function is blocked when the WPEN bit in
the status register is “0”. This allows the user to install
the X25128 in a system with WP pin grounded and still
be able to write to the status register. The WP pin func-
tions will be enabled when the WPEN bit is set “0”.
Hold (HOLD)
HOLD is used in conjunction with the CS pin to select
the device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause
the serial communication with the controller without
resetting the serial sequence. To pause, HOLD must
be brought low while SCK is Low. To resume commu-
nication, HOLD is brought high, again while SCK is
low. If the pause feature is not used, HOLD should be
held high at all times.
PIN CONFIGURATION
PIN NAMES
3091 FM T01
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
3091 FM 02
Not to scale
14 Lead SOIC
NC
1
2
3
4
7
6
5
X24128
VSS
NC
NC
NC
NC
.244”
.344”
8
9
10
11
12
14
13
NC
8 Lead PDIP
VCC
HOLD
SCK
CS
1
2
3
4
6
7
8
X25128
VSS
SI
5
.325”
.430”
SO
WP
CS
SO
WP
VCC
HOLD
SCK
SI
16 Lead SOIC
NC
1
2
3
4
7
6
5
X25128
VSS
NC
NC
NC
NC
NC
.244”
.394”
9
10
11
12
13
14
NC
8
16
15
NC
CS
SO
WP
VCC
HOLD
SCK
SI


Similar Part No. - X25128SI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128SI ICMIC-X25128SI Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128SI-2.7 ICMIC-X25128SI-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128SIG ICMIC-X25128SIG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128SIG-2.7 ICMIC-X25128SIG-2.7 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25128SI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com