Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDR0504-121K Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # SPDR0504-121K
Description  UNSHIELDED SMD POWER INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

SPDR0504-121K Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  SPDR0504-121K Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD SPDR0504-121K Datasheet HTML 7Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPDR SERIES
UNSHIELDED SMD POWER INDUCTORS
MECHANICALS
CONSTRUCTION
l DIMENSIONS:
UNIT:mm
TYPE
A
B
C
D
SPDR0403
4.0
±0.3
4.5
±0.3
3.2
±0.3
1.2TYPE
SPDR0504
5.2
±0.3
5.8
±0.3
4.5
±0.4
1.3TYPE
SPDR0703
7.0
±0.3
7.8
±0.3
3.5
±0.5
1.6TYPE
SPDR0705
7.0
±0.3
7.8
±0.3
5.0
±0.5
2.1TYPE
SPDR1004
9.0
±0.3
10.0
±0.3
4.0
±0.5
2.1TYPE
SPDR1005
9.0
±0.3
10.0
±0.3
5.4
±0.4
2.1TYPE
l PART NUMBERING SYSTEM (品名規定)
S P D R
1 0
0 4
-
1 0 0
M
1
2
3
4
UNSHIELDED SMD
DIMENSIONS
INDUTANCE
TOLERANCE
POWER INDUCTOR
A、C DIM
J :
±5% K: ±10% L±15%
M:
±20% P: ±25% N: ±30
开磁路贴片式功率电感
(DR 型磁芯)
尺寸
電感值
公差
l FEATURE
Various high power inductors are superior to be
High
saturation for surface mounting
l APPLICATIONS
Power supply for VTR ,OA equipment digital
camera,LCD television set
notebook
PC ,portable communication equipment ,DC/DC
converters
特性
具備高功率、強力高飽和電流、低阻
抗、小型貼裝化之特點
用途
錄影機,OA 儀器,數碼相機,筆記本
電腦,小型通信設備,DC/DC 變壓器
之電源供應器
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
38
D
B
C


Similar Part No. - SPDR0504-121K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPDR SSDI-SPDR Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
Productwell Precision E...
SPDR655312-100M PRODUCTWELL-SPDR655312-100M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-160M PRODUCTWELL-SPDR655312-160M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-220M PRODUCTWELL-SPDR655312-220M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
SPDR655312-2R2M PRODUCTWELL-SPDR655312-2R2M Datasheet
94Kb / 2P
   UNSHIELDED SMD POWER INDUCTORS
More results

Similar Description - SPDR0504-121K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com