Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C04PM-20 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X20C04PM-20
Description  Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04PM-20 Datasheet(HTML) 1 Page - Xicor Inc.

  X20C04PM-20 Datasheet HTML 1Page - Xicor Inc. X20C04PM-20 Datasheet HTML 2Page - Xicor Inc. X20C04PM-20 Datasheet HTML 3Page - Xicor Inc. X20C04PM-20 Datasheet HTML 4Page - Xicor Inc. X20C04PM-20 Datasheet HTML 5Page - Xicor Inc. X20C04PM-20 Datasheet HTML 6Page - Xicor Inc. X20C04PM-20 Datasheet HTML 7Page - Xicor Inc. X20C04PM-20 Datasheet HTML 8Page - Xicor Inc. X20C04PM-20 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
X20C04
1
©Xicor, Inc. 1992, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3825-2.8 7/31/97 T4/C0/D0 SH
Nonvolatile Static RAM
DESCRIPTION
The Xicor X20C04 is a 512 x 8 NOVRAM featuring a
static RAM overlaid bit-for-bit with a nonvolatile electri-
cally erasable PROM (E2PROM). The X20C04 is fabri-
cated with advanced CMOS floating gate technology to
achieve low power and wide power-supply margin. The
X20C04 features the JEDEC approved pinout for byte-
wide memories, compatible with industry standard RAMs,
ROMs, EPROMs, and E2PROMs.
The NOVRAM design allows data to be easily trans-
ferred from RAM to E2PROM (store) and E2PROM to
RAM (recall). The store operation is completed in 5ms or
less and the recall operation is completed in 5
µs or less.
Xicor NOVRAMS are designed for unlimited write
operations to RAM, either from the host or recalls from
E2PROM, and a minimum 1,000,000 store operations to
the E2PROM. Data retention is specified to be greater
than 100 years.
FEATURES
High Reliability
—Endurance: 1,000,000 Nonvolatile Store
Operations
—Retention: 100 Years Minimum
Power-on Recall
—E2PROM Data Automatically Recalled Into
SRAM Upon Power-up
Lock Out Inadvertent Store Operations
Low Power CMOS
—Standby: 250
µA
Infinite E2PROM Array Recall, and RAM Read
and Write Cycles
Compatible with X2004
4K
X20C04
512 x 8 Bit
PIN CONFIGURATION
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
NC
NC
NC
OE
NC
CE
I/O7
I/O6
4321 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
X20C04
(TOP VIEW)
3825 FHD F03
LCC
PLCC
NE
NC
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
VCC
WE
NC
A8
NC
NC
OE
NC
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X20C04
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
3825 FHD F02
PLASTIC
CERDIP


Similar Part No. - X20C04PM-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-35 XICOR-X20C05D-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-45 XICOR-X20C05D-45 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-55 XICOR-X20C05D-55 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05DI-35 XICOR-X20C05DI-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C04PM-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
   Serial Nonvolatile Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com