Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAEP13018 Datasheet(PDF) 3 Page - Productwell Precision Elect.CO.,LTD

Part # DAEP13018
Description  ADSL LINE TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

DAEP13018 Datasheet(HTML) 3 Page - Productwell Precision Elect.CO.,LTD

  DAEP13018 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD DAEP13018 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD DAEP13018 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD DAEP13018 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD DAEP13018 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD DAEP13018 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
l SPECIFICATIONS
CONTINUE
PART NO
Turn Ratio
(
±2%)
OCL
@ 10KHz/0.1V
Leakage Inductance
(
μH Max)
Longitudinal
Balance(dB Min)
DAEP13018
1:1.1
Pin(1-4):(10-7)
1.2 mH Min
(1-4),(2+3)short
10.0uH @ 300KHz/0.1V
(1-4),(2+3,10+7,9+8)short
-45 dB
@10KHz to1.1 MHz
DAEP13019
1:3
Pin(8-6):(1-4)
1.2 mH
±10%
(1-4),(2+3)short
15.0uH @ 300KHz/0.1V
(1-4),(2+3,5+7,8+6)short
-84 dB
@20KHz -1.1 MHz
DAEP13020
3.3:1
Pin(6-10):(1-5)
800uH Min
(6-10),(9+7)short
20.0uH @100 KHz/0.1V
(1-5) (6+10+9+7)short
-45 dB
@100KHz to 1MHz
DAEP13021
1:1
PIN(1-4):(10-7)
442uH
±5%
(7-10) (8+9)short
5.0uH @300 KHz,0.1V
(7-10)(9+8,4+1, 2+3)short
-45 dB
@30KHz-1.1 MHz
DAEP13022
2:1(
±2%)
Pin(1-5):(9-7)
2.0 mH
±6%
(1-5),(2+4)short
11.0uH @ 100 KHz/0.1V
(1-5),(2+4,9+7) short
-50 dB
@40K-300 KHz
PART NO
Insertion Loss
(dB Max)
DC Resistance
(OHM Max)
Isolation
Voltage
DAEP13001
-
6.0 (1-5),(10-6)
1500V/0.5mA
DAEP13002
-
0.60 (1-3),(2-4) 1.60 (9-7),(10-8)
1500V/0.5mA
DAEP13003
-
6.25 (1-4) , (2-5)
1500V/0.5mA
DAEP13004
-1.0 dB @ 500 KHz 0.1V
0.5 10-7);(9-6);(1-4);(2-5)
1500V/0.5mA
DAEP13005
-
3.6 (1-4),(2-5)
1500V/0.5mA
DAEP13006
-
3.5 (1-5) , (10-6)
1500V/0.5mA
DAEP13007
-
3.5 (2-4) , (9-7)
1500V/0.5mA
DAEP13008
-0.5 dB @ 300KHz
0.53 (1-5), (4+2)short;
1500V/0.5mA
DAEP13009
-0.5 dB @ 300KHz
0.42(1-5),(10-6)
1500V/0.5mA
DAEP13010
-0.5 dB @ 100KHz
3.2(1-4),(2+3)/(10-7),(8+9)short
1500V/0.5mA
DAEP13011
-0.5 dB @ 300KHz
1.25(1-4), (3+2)short ;
1.4 (10-7), (8+9)short
1500V/0.5mA
DAEP13012
-0.5 dB @ 772KHz
0.95(1-3),(2-4) & 0.65(10-8),(9-7)
1500V/0.5mA
DAEP13013
-0.5 dB @ 100KHz
0.33 (10-8) ; 0.61(1-3),(2-4) ;0.46(9-7) 1500V/0.5mA
DAEP13014
-0.5 dB @ 300KHz
0.66 (10-8),(9-7) & 0.15(1-3) 0.16(2-4) 1500V/0.5mA
DAEP SERIES
ADSL LINE TRANSFORMER
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
68


Similar Part No. - DAEP13018

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DAEPW-M157S TOKO-DAEPW-M157S Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPW-M163S TOKO-DAEPW-M163S Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL-M180X TOKO-DAEPWL-M180X Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
DAEPWL-M186X TOKO-DAEPWL-M186X Datasheet
54Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
More results

Similar Description - DAEP13018

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2013 BOTHHAND-AD-2013 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2016 BOTHHAND-AD-2016 Datasheet
52Kb / 1P
   ADSL LINE TRANSFORMER
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2926S BOTHHAND-AD-2926S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-2951 BOTHHAND-AD-2951 Datasheet
361Kb / 1P
   ADSL LINE TRANSFORMER
AD-5028S BOTHHAND-AD-5028S Datasheet
255Kb / 1P
   ADSL LINE TRANSFORMER
AD-5970S BOTHHAND-AD-5970S Datasheet
254Kb / 1P
   ADSL LINE TRANSFORMER
logo
XFMRS Inc.
XFADSL46 XFMRS-XFADSL46 Datasheet
70Kb / 1P
   ADSL Line Transformer
logo
Bothhand USA, LP.
AD-2181 BOTHHAND-AD-2181 Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMER
AD-5070S BOTHHAND-AD-5070S Datasheet
96Kb / 1P
   ADSL LINE TRANSFORMER
XM-6027S BOTHHAND-XM-6027S Datasheet
71Kb / 1P
   ADSL LINE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com