Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC1407D-111M Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part No. TC1407D-111M
Description  TOROID INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Homepage  http://www.productwell.com
Logo 

TC1407D-111M Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
l FEATURE
1. Useful in a wide variety of power conversion
and line filter applications
2. Wound on Iron Powder material toroids
3. High saturation current
4. Coated with varnish
5. Inductance range : 1.0uH to 10000uH
l APPLICATIONS
1. Power supplies
2. Swithing Circuits
3. SCR and Triac Controls
4. Output chokes
5. EMI / RFI chokes
6. Other filters
TC SERIES
TOROID INDUCTORS
MECHANICALS
CONSTRUCTION
Solder both
l 特性
1. 泛應用於電源轉換和線路濾波器
2.
線圈繞在鐵粉磁環上
3. 廣高飽和電流
4. 外塗以凡立水(透明膠)
5. 電感範圍 : 1.0uH 到 10000uH 之間
l 用途
1. 電源供給器
2. 開關電路
3. 珪控整流器和晶閘管控制電路
4. 輸出扼流
5. EMI / RFI 扼流圈
6. 其他濾波器
l PART NUMBERING SYSTEM(品名規定)
T C
1 2
0 7
D
1 0 0
M
1
2
3
4
5
TOROIDAL
DIMENSIONS
D:DIP
INDUCTANCE
TOLERANCE CODE
COILS
A 、B
DIM
S:SMD
10*10
0=10uH
J :
±5% K: ±10% L±15%
M :
±20% P: ±25% N: ±30%
環型電感器
尺寸
安裝形式
電感值
公差
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
23


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn