Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25080V Datasheet(PDF) 2 Page - Xicor Inc.

Part # X25080V
Description  SPI Serial E2PROM With Block LockTM Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25080V Datasheet(HTML) 2 Page - Xicor Inc.

  X25080V Datasheet HTML 1Page - Xicor Inc. X25080V Datasheet HTML 2Page - Xicor Inc. X25080V Datasheet HTML 3Page - Xicor Inc. X25080V Datasheet HTML 4Page - Xicor Inc. X25080V Datasheet HTML 5Page - Xicor Inc. X25080V Datasheet HTML 6Page - Xicor Inc. X25080V Datasheet HTML 7Page - Xicor Inc. X25080V Datasheet HTML 8Page - Xicor Inc. X25080V Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
X25080
2
Hold (
HOLD)
HOLD is used in conjunction with the CS pin to select the
device. Once the part is selected and a serial sequence
is underway,
HOLD may be used to pause the serial
communication with the controller without resetting the
serial sequence. To pause,
HOLD must be brought
LOW while SCK is LOW. To resume communication,
HOLD is brought HIGH, again while SCK is LOW. If the
pause feature is not used,
HOLD should be held HIGH
at all times.
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of the
serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (
CS)
When
CS is HIGH, the X25080 is deselected and the SO
output pin is at high impedance and unless an internal
write operation is underway, the X25080 will be in the
standby power mode.
CS LOW enables the X25080,
placing it in the active power mode. It should be noted
that after power-up, a HIGH to LOW transition on
CS is
required prior to the start of any operation.
Write Protect (
WP)
When
WP is LOW and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25080 status register are
disabled, but the part otherwise functions normally.
When
WP is held HIGH, all functions, including nonvola-
tile writes operate normally.
WP going LOW while CS is
still LOW will interrupt a write to the X25080 status
register. If the internal write cycle has already been
initiated,
WP going LOW will have no effect on a write.
The
WP pin function is blocked when the WPEN bit in
the status register is “0”. This allows the user to install the
X25080 in a system with
WP pin grounded and still be
able to write to the status register. The
WP pin functions
will be enabled when the WPEN bit is set “1”.
PIN NAMES
SYMBOL
DESCRIPTION
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
DIP/SOIC
TSSOP
3090 ILL F02.2
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
NC
NC
NC
WP
VSS
1
2
3
4
5
6
7
VCC
HOLD
NC
NC
NC
SCK
SI
14
13
12
11
10
9
8
X25080
X25080
3090 PGM T01


Similar Part No. - X25080V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020D ICMIC-X25020D Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DG ICMIC-X25020DG Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DP ICMIC-X25020DP Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25080V

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com