Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25043PI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25043PI
Description  Programmable Watchdog Supervisory E2PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25043PI Datasheet(HTML) 4 Page - Xicor Inc.

  X25043PI Datasheet HTML 1Page - Xicor Inc. X25043PI Datasheet HTML 2Page - Xicor Inc. X25043PI Datasheet HTML 3Page - Xicor Inc. X25043PI Datasheet HTML 4Page - Xicor Inc. X25043PI Datasheet HTML 5Page - Xicor Inc. X25043PI Datasheet HTML 6Page - Xicor Inc. X25043PI Datasheet HTML 7Page - Xicor Inc. X25043PI Datasheet HTML 8Page - Xicor Inc. X25043PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X25043/45
4
Clock and Data Timing
Data input on the SI line is latched on the rising edge of
SCK. Data is output on the SO line by the falling edge of
SCK.
Read Sequence
When reading from the E2PROM memory array,
CS is
first pulled LOW to select the device. The 8-bit READ
instruction is transmitted to the X25043/45, followed by
the 8-bit byte address. Bit 3 of the Read instruction
contains address A8. This bit is used to select the upper
or lower half of the device. After the read opcode and
byte address are sent, the data stored in the memory
at the selected address is shifted out on the SO line.
The data stored in memory at the next address can be
read sequentially by continuing to provide clock pulses.
The byte address is automatically incremented to the
next higher address after each byte of data is shifted
out. When the highest address is reached ($1FF) the
address counter rolls over to address $000, allowing
the read cycle to be continued indefinitely. The read
operation is terminated by taking
CS HIGH. Refer to the
read E2PROM Array operation sequence illustrated in
Figure 1.
To read the status register the
CS line is first pulled
LOW to select the device followed by the 8-bit RDSR
instruction. After the read status register opcode is
sent, the contents of the status register is shifted out on
the SO line as shown in Figure 2.
Write Sequence
Prior to any attempt to write data into the X25043/45 the
“write enable” latch must first be set by issuing
the WREN instruction (See Figure 3).
CS is first taken
LOW, then the WREN instruction is clocked into the
X25043/45. After all eight bits of the instruction are
transmitted,
CS must then be taken HIGH. If the user
continues the write operation without taking
CS HIGH
after issuing the WREN instruction the write operation
will be ignored.
To write data to the E2PROM memory array, the user
issues the WRITE instruction, followed by the address
and then the data to be written. Bit 3 of the Write
instruction contains address A8. This bit is used to select
the upper or lower half of the device. This is minimally a
twenty-four clock operation.
CS must go LOW and
remain LOW for the duration of the operation. The host
may continue to write up to four bytes of data to the
X25043/45. The only restriction is the four bytes must
reside on the same page. A page address begins with
address X XXXX XX00 and ends with X XXXX XX11. If
the byte address counter reaches X XXXX XX11 and the
clock continues the counter will roll back to the first
address of the page and overwrite any data that may
have been written.
For the write operation (byte or page write) to be
completed,
CS can only be brought HIGH after the
twenty-fourth, thirty-second, fortieth, or forty-eighth
clock. If it is brought HIGH at any other time, the write
operation will not be completed. Refer to Figure 4 and 5
below for a detailed illustration of the write sequences.
While the write is in progress, following a status register
or E2PROM write sequence the status register may be
read to check the WIP bit. During this time the WIP bit will
be HIGH and all other bits in the status register will be
undefined.
RESET/RESET Operation
The
RESET (X25043) output is designed to go LOW
whenever VCC has dropped below the minimum trip
point and/or the Watchdog timer has reached its pro-
grammable time-out limit.
Table 1. Instruction Set
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register (Block Lock Bits)
READ
0000 A8011
Read Data from Memory Array beginning at selected
address
WRITE
0000 A8010
Write Data to Memory Array beginning at Selected Address
(1 to 4 Bytes)
3844 PGM T05.1
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.


Similar Part No. - X25043PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040D ICMIC-X25040D Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040DG ICMIC-X25040DG Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040DP ICMIC-X25040DP Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25043PI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Catalyst Semiconductor
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com