Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F064V Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24F064V
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064V Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24F064V Datasheet HTML 2Page - Xicor Inc. X24F064V Datasheet HTML 3Page - Xicor Inc. X24F064V Datasheet HTML 4Page - Xicor Inc. X24F064V Datasheet HTML 5Page - Xicor Inc. X24F064V Datasheet HTML 6Page - Xicor Inc. X24F064V Datasheet HTML 7Page - Xicor Inc. X24F064V Datasheet HTML 8Page - Xicor Inc. X24F064V Datasheet HTML 9Page - Xicor Inc. X24F064V Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X24F064/032/016
6
Flow 1. ACK Polling Sequence
After the receipt of each byte, the five low order ad-
dress bits are internally incremented by one. The high
order bits of the sector address remain constant. If the
master should transmit more or less than 32 bytes prior
to generating the stop condition, the contents of the
sector cannot be guaranteed. All inputs are disabled
until completion of the internal program cycle. Refer to
Figure 5 for the address, acknowledge and data trans-
fer sequence.
Acknowledge Polling
The Max Write Cycle Time can be significantly reduced
using Acknowledge Polling. To initiate Acknowledge
Polling, the master issues a start condition followed by
the Slave Address Byte for a write or read operation. If
the device is still busy with the high voltage cycle, then
no ACK will be returned. If the device has completed
the write operation, an ACK will be returned and the
host can then proceed with the read or write operation.
Refer to Flow 1.
READ OPERATIONS
Read operations are initiated in the same manner as
program operations with the exception that the R/W bit
of the slave address is set HIGH. There are three basic
read operations: current address read, random read
and sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read op-
eration, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the
ninth clock cycle and then issue a stop condition.
6686 ILL F09.1
PROGRAM OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE SECTOR
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO


Similar Part No. - X24F064V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F064V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com