Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6639-33CZTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6639-33CZTR
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639-33CZTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6639-33CZTR Datasheet HTML 1Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 2Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 3Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 4Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 5Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 6Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 7Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 8Page - Silicon Standard Corp. SS6639-33CZTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.SiliconStandard.com
5 of 12
SS6639
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Output Current (mA)
Fig. 5 SS6639-33 Loading Regulation (L=33
µH)
0
50
100
150
200
250
300
350
400
2.4
2.6
2.8
3.0
3.2
3.4
VIN=2.0V
VIN=1.5V
VIN=1.2V
Output Current (mA)
0
50
100
150
200
250
300
350
400
60
65
70
75
80
85
90
Fig. 6 SS6639-33 Efficiency (L=33
µH)
VIN=2.0V
VIN=1.5V
VIN=0.9V
Output Current (mA)
Fig. 7 SS6639-50 Load Regulation (L=33
µH)
0
100
200
300
400
500
600
700
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
VIN=1.2V
Output Current (mA)
0
100
200
300
400
500
600
700
40
45
50
55
60
65
70
75
80
85
90
Fig. 8 SS6639-50 Efficiency (L=33
µH)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
VIN=1.2V
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 9 SS6639-27 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Output Current (mA)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 10 SS6639-30 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Rev.2.01 6/26/2003


Similar Part No. - SS6639-33CZTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results

Similar Description - SS6639-33CZTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com