Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25021S-3 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25021S-3
Description  SPI Serial E2PROM with Block LockTM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25021S-3 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25021S-3 Datasheet HTML 4Page - Xicor Inc. X25021S-3 Datasheet HTML 5Page - Xicor Inc. X25021S-3 Datasheet HTML 6Page - Xicor Inc. X25021S-3 Datasheet HTML 7Page - Xicor Inc. X25021S-3 Datasheet HTML 8Page - Xicor Inc. X25021S-3 Datasheet HTML 9Page - Xicor Inc. X25021S-3 Datasheet HTML 10Page - Xicor Inc. X25021S-3 Datasheet HTML 11Page - Xicor Inc. X25021S-3 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
X25021
8
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with Respect to VSS ......... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
COUT(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI,
CS, WP, HOLD)6
pF
VIN = 0V
6615 PGM T09
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
6615 PGM T05.1
Supply Voltage
Limits
X25021
5V
±10%
X25021-3
3V to 5.5V
X25021-2.7
2.7 to 5.5V
6615 PGM T06
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
3
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open
ISB
VCC Supply Current (Standby)
10
µA
CS = VCC, VIN = VSS or VCC – 0.3V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIL(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH(1)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2mA
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA
6615 PGM T07.2
POWER-UP TIMING
Symbol
Parameter
Min.
Max.
Units
tPUR(2)
Power-up to Read Operation
1
ms
tPUW(2)
Power-up to Write Operation
5
ms
6615 PGM T08
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.


Similar Part No. - X25021S-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020D ICMIC-X25020D Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DG ICMIC-X25020DG Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DP ICMIC-X25020DP Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25021S-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com