Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C04PI-20 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X20C04PI-20
Description  Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04PI-20 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X20C04PI-20 Datasheet HTML 3Page - Xicor Inc. X20C04PI-20 Datasheet HTML 4Page - Xicor Inc. X20C04PI-20 Datasheet HTML 5Page - Xicor Inc. X20C04PI-20 Datasheet HTML 6Page - Xicor Inc. X20C04PI-20 Datasheet HTML 7Page - Xicor Inc. X20C04PI-20 Datasheet HTML 8Page - Xicor Inc. X20C04PI-20 Datasheet HTML 9Page - Xicor Inc. X20C04PI-20 Datasheet HTML 10Page - Xicor Inc. X20C04PI-20 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X20C04
7
WE Controlled Write Cycle
Write Cycle Limits
X20C04-15
X20C04-20
X20C04-25
X20C04
Symbol
Parameter
Min. Max. Min.
Max. Min. Max.
Min. Max. Units
tWC
Write Cycle Time
150
200
250
300
ns
tCW
Chip Enable to End of Write Input
150
200
250
300
ns
tAS
Address Setup Time
0
0
0
0
ns
tWP
Write Pulse Width
100
120
150
200
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Setup to End of Write
100
120
150
200
ns
tDH
Data Hold Time
0
0
0
0
ns
tWZ(4)
Write Enable to Output in High Z
80
100
100
100
ns
tOW(4)
Output Active from End of Write
5
5
5
5
ns
tOZ(4)
Output Enable to Output in High Z
80
100
100
100
ns
3825 PGM T11
tWC
tCW
tAS
tOZ
tWP
tDW
tDH
tOW
tWR
DATA VALID
ADDRESS
OE
CE
WE
DATA OUT
DATA IN
3825 FHD F06
Note:
(4) tWZ, tOW, and tOZ are periodically sampled and not 100% tested.


Similar Part No. - X20C04PI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-35 XICOR-X20C05D-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-45 XICOR-X20C05D-45 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05D-55 XICOR-X20C05D-55 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C05DI-35 XICOR-X20C05DI-35 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C04PI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X24C44 XICOR-X24C44 Datasheet
60Kb / 15P
   Serial Nonvolatile Static RAM
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com