Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24F128PE Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24F128PE
Description  2-Wire SerialFlash with Block Lock TM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F128PE Datasheet(HTML) 5 Page - Xicor Inc.

  X24F128PE Datasheet HTML 1Page - Xicor Inc. X24F128PE Datasheet HTML 2Page - Xicor Inc. X24F128PE Datasheet HTML 3Page - Xicor Inc. X24F128PE Datasheet HTML 4Page - Xicor Inc. X24F128PE Datasheet HTML 5Page - Xicor Inc. X24F128PE Datasheet HTML 6Page - Xicor Inc. X24F128PE Datasheet HTML 7Page - Xicor Inc. X24F128PE Datasheet HTML 8Page - Xicor Inc. X24F128PE Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X24F128
5
Figure 4. Device Addressing
1
S1
S0 R/W
DEVICE
SELECT
0
1
0
S2
0
A10
A9
A8
0
A13
HIGH ORDER ADDRESS
A12
A11
DEVICE TYPE
IDENTIFIER
SLAVE ADDRESS BYTE
D7
D2
D1
D6
D5
D4
D3
DATA BYTE
ADDRESS BYTE 1
A2
A1
A0
A5
LOW ORDER ADDRESS
A4
A3
ADDRESS BYTE 0
A7
A6
D0
7012 ILL F06.1
DEVICE ADDRESSING
Following a start condition, the master must output the
address of the slave it is accessing. The first four bits
of the Slave Address Byte are the device type identifier
bits. These must equal “1010”. The next 3 bits are the
device select bits S0, S1, and S2. This allows up to 8
devices to share a single bus. These bits are
compared to the S0, S1, and S2 device select input
pins. The last bit of the Slave Address Byte defines the
operation to be performed. When the R/W bit is a one,
then a read operation is selected. When it is zero then
a program operation is selected. Refer to figure 4.
After loading the Slave Address Byte from the SDA
bus, the device compares the device type bits with the
value “1010” and the device select bits with the status
of the device select input pins. If the compare is not
successful, no acknowledge is output during the ninth
clock cycle and the device returns to the standby mode.
The byte address is either supplied by the master or
obtained from an internal counter, depending on the
operation. When required, the master must supply the
two Address Bytes as shown in figure 4.
The internal organization of the E2 array is 512 sectors
by 32 bytes per sector. The sector address is partially
contained in the Address Byte 1 and partially in bits 7
through 5 of the Address Byte 0. The specific byte
address is contained in bits 4 through 0 of the Address
Byte 0. Refer to figure 4.


Similar Part No. - X24F128PE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F016 XICOR-X24F016 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P XICOR-X24F016P Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016P-5 XICOR-X24F016P-5 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X24F016PE XICOR-X24F016PE Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
More results

Similar Description - X24F128PE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com