Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24C44S Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24C44S
Description  Serial Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44S Datasheet(HTML) 5 Page - Xicor Inc.

  X24C44S Datasheet HTML 1Page - Xicor Inc. X24C44S Datasheet HTML 2Page - Xicor Inc. X24C44S Datasheet HTML 3Page - Xicor Inc. X24C44S Datasheet HTML 4Page - Xicor Inc. X24C44S Datasheet HTML 5Page - Xicor Inc. X24C44S Datasheet HTML 6Page - Xicor Inc. X24C44S Datasheet HTML 7Page - Xicor Inc. X24C44S Datasheet HTML 8Page - Xicor Inc. X24C44S Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X24C44
5
Figure 1. RAM Read
3832 FHD F07.1
Figure 2. RAM Write
3832 FHD F08.1
Figure 3. Non-Data Operations
3832 FHD F09.1
1
CE
2345678
1A
1
AAA
1
SK
DI
9
1011
21222324
D0
D1
D2
D12
D13
D14
D15
0
1
CE
2345678
1X
I2
XXX
I1
I0
SK
DI
1
CE
2345678
1A
1
AAA
1
X*
SK
DI
9
1011
12222324
D1
D2
D3
D14
D15
D0
D13
DO
HIGH Z
*Bit 8 of Read Instructions is Don’t Care
D0


Similar Part No. - X24C44S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C44S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
   Nonvolatile Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
logo
Xicor Inc.
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
   Nonvolatile Static RAM
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
   256-Bit Serial Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com