Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD5N65S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD5N65S
Description  650V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD5N65S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD5N65S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD5N65S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,Mar 2010
BV
DSS = 650 V
R
DS(on) typ = 2.3 Ω
I
D = 4.0 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 10.5 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 2.3 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFD5N65S / HFU5N65S
650V N-Channel MOSFET
Mar 2010
1.Gate 2. Drain 3. Source
2
1
2
3
1
3
D-PAK
I-PAK
HFD5N65S
HFU5N65S
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25℃)
4.0
A
Drain Current
– Continuous (T
C = 100℃)
2.3
A
I
DM
Drain Current
– Pulsed
(Note 1)
16.0
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
180
mJ
I
AR
Avalanche Current
(Note 1)
4.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
9.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25℃) *
2.5
W
Power Dissipation (T
C = 25℃)
- Derate above 25℃
91
W
0.73
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
1.37
℃/W
RθJA
Junction-to-Ambient*
--
50
RθJA
Junction-to-Ambient
--
110
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - HFD5N65S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HFD5N65S DOINGTER-HFD5N65S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
More results

Similar Description - HFD5N65S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com