Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6621COTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6621COTR
Description  High Efficiency Synchronous Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6621COTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6621COTR Datasheet HTML 1Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 2Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 3Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 4Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 5Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 6Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 7Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 8Page - Silicon Standard Corp. SS6621COTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
SS6620/21/2
n ELECTRICAL CHARACTERISTICS (V
BATT=2.0V, VOUT=3.3V (FB=VOUT), RL=
∝,
TA=25
°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Minimum Input Voltage
0.7
V
Operating Voltage
1.1
4.0
V
Start-Up Voltage
RL=3K
Ω (Note1)
0.8
1.1
V
Start-Up Voltage Tempco
-2
mV/
°C
Output Voltage Range
1.8
4.0
Output Voltage
FB = VOUT
3.17
3.3
3.43
V
SS6620
SS6622
(CLSEL=OUT)
300
400
Steady State Output Current
(Note 2)
FB=OUT
(
VOUT =3.3V) SS6621
SS6622
(CLSEL=GND)
150
220
mA
Reference Voltage
IREF= 0
1.199
1.23
1.261
V
Reference Voltage Tempco
0.024
mV/
°C
Reference Load Regulation
IREF = 0 to 100
µA
10
30
mV
Reference Line Regulation
VOUT = 1.8V to 4V
5
10
mV/V
FB , LBI Input Threshold
1.199
1.23
1.261
V
Internal Switch On-Resistance
ILX = 100mA
0.3
SS6620,SS6622(CLSEL =
OUT)
0.6
0.8
1.0
LX Switch Current Limit
SS6621,SS6622(CLSEL =
GND)
0.3
0.45
0.6
A
LX Leakage Current
VLX=0V, 4V; VOUT=4V
0.05
1
µA
Operating Current into OUT
(Note 3)
VFB = 1.4V , VOUT = 3.3V
20
35
µA
Shutdown Current into OUT
SHDN = GND
0.1
1
µA
VOUT= 3.3V ,ILOAD = 200mA
90
Efficiency
VOUT = 2V ,ILOAD = 1mA
85
%
LX Switch On-Time
VFB =1V , VOUT = 3.3V
2
4
7
µs
LX Switch Off-Time
VFB =1V , VOUT = 3.3V
0.6
0.9
1.3
µs
FB Input Current
VFB = 1.4V
0.03
50
nA
Rev.2.01 6/06/2003


Similar Part No. - SS6621COTR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
   Ultrafast Recovery Rectifier
SS6626 SENSITRON-SS6626 Datasheet
43Kb / 3P
   Ultrafast Recovery Rectifier
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
SS6628CNTB SSC-SS6628CNTB Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
SS6628CNTR SSC-SS6628CNTR Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
More results

Similar Description - SS6621COTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com