Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6580CNTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # S6580CNTR
Description  Step-Down DC/DC Controller with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

S6580CNTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

  S6580CNTR Datasheet HTML 1Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 2Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 3Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 4Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 5Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 6Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 7Page - Silicon Standard Corp. S6580CNTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS6580/L
n APPLICATION CIRCUIT
SS6580L
*C1
1
µF
C7
33P
C6
1000P
C9
1000P
+
C4
1000
µF*6
+
C3
1000
µF*3
R7
13K
R5
2K
R9
4K7
R6
90.9K
R1
10
R2
2.2K
L2
7
µF
L1
1.5
µF
D1
SB1020
M1
1.5V/10A
*C1
must
be
very
close to VCC PIN
VOUT
5V
12V
OCSET
VCC
SD
COMP
FB
UGATE
PHASE
GND
*VOUT=1.3V(R5+R7)/R7
Fig. 6 DC/DC Step Down Circuit
Rev.2.01 6/26/2003


Similar Part No. - S6580CNTR

ManufacturerPart #DatasheetDescription
logo
Heyco.
S6580 HEYCO-S6580 Datasheet
139Kb / 1P
   SunStrap
More results

Similar Description - S6580CNTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
   Step-Down DC/DC Controller with Shutdown
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com