Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6612 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6612
Description  High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6612 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6612 Datasheet HTML 7Page - Silicon Standard Corp. SS6612 Datasheet HTML 8Page - Silicon Standard Corp. SS6612 Datasheet HTML 9Page - Silicon Standard Corp. SS6612 Datasheet HTML 10Page - Silicon Standard Corp. SS6612 Datasheet HTML 11Page - Silicon Standard Corp. SS6612 Datasheet HTML 12Page - Silicon Standard Corp. SS6612 Datasheet HTML 13Page - Silicon Standard Corp. SS6612 Datasheet HTML 14Page - Silicon Standard Corp. SS6612 Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.SiliconStandard.com
11 of 16
Rev.2.02 12/06/2003
SS6612
PIN DESCRIPTIONS
PIN 1: FB-
Connected to OUT to get +3.3V
output, connected to GND to get
+5.0V output, or using a resistor
network to set output voltage rang-
ing from +1.8V to +5.5V.
PIN 2: LBI-
Low-battery comparator input inter-
nally set at +1.23V to trip.
PIN 3: LBO-
Open-drain low battery comparator
output. Output is low when VLBI is
<1.23V. LBO is high impedance
during shutdown.
PIN 4:CLSEL-Current-limit select input. CLSEL=
OUT sets the current limit to 1.0A.
CLSEL=GND sets the current limit
to 0.65A.
PIN 5: REF-
1.23V reference voltage. Bypass
with a 0.1
µF capacitor.
PIN 6: SHDN- Shutdown input. High=operating,
low=shutdown.
PIN 7: BATT- Battery
input
and
damping
switch connection. If damping
switch is unused, leave BATT
unconnected.
PIN 8: GND-
Ground.
PIN 9: LX-
N-channel and P-channel power
MOSFET drain.
PIN 10: OUT-
Power
output.
OUT
provides
bootstrap power to the IC.
APPLICATION INFORMATION
Overview
The SS6612 is a high-efficiency, step-up DC/DC
converter, featuring a built-in synchronous
rectifier, which reduces size and cost by eliminating
the need for an external Schottky diode. The start-up
voltage of the SS6612 is as low as 0.8V and it operates
with an input voltage down to 0.7V. Quiescent supply
current is only 20
µA. In addition, the SS6612 features a
circuit that eliminates inductor ringing to reduce
noise. The internal P-MOSFET on-resistance is typi-
cally 0.3
Ω to improve overall efficiency by minimizing
AC losses. The output voltage can be easily set; by
two external resistors for 1.8V to 5.5V; connecting
FB to OUT to get 3.3V; or connecting to GND to get
5.0V. The CLSEL pin offers a selectable current
limit (1.0A or 0.65A). The lower current limit allows
the use of a physically smaller inductor in space-
sensitive applications.
PFM Control Scheme
A key feature of the SS6612 is a unique minimum-
off-time, constant-on-time, current-limited, pulse-
frequency-modulation (PFM) control scheme (see
BLOCK DIAGRAM) with ultra-low quiescent current.
The peak current of the internal N-MOSFET power
switch is selectable. The switch frequency depends
on either loading conditions or input voltage, and can
range up to 500KHz. It is governed by a pair of one-
shots that set a minimum off-time (1
µs ) and a
maximum on-time (4
µs ).
Synchronous Rectification
Using the internal synchronous rectifier eliminates
the need for an external Schottky diode, reducing
the cost and board space. During the cycle of off-
time, the P-MOSFET turns on and shuts the N-
MOSFET off. Due to the low turn-on resistance
of the MOSFET, the synchronous rectifier signifi-
cantly improves efficiency without an additional ex-
ternal Schottky diode. Thus, the conversion effi-
ciency can be as high as 93%.
Reference Voltage
The reference voltage (REF) is nominally 1.23V for
excellent T.C. performance. In addition, the REF pin can
source up to 100
µA to an external circuit with good load


Similar Part No. - SS6612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
SS6610COTR ETC1-SS6610COTR Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
List of Unclassifed Man...
SS6611 ETC1-SS6611 Datasheet
548Kb / 16P
   High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com