Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6578CNTB Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6578CNTB
Description  High-Efficiency, Step-Down DC/DC Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6578CNTB Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6578CNTB Datasheet HTML 3Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 4Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 5Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 6Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 7Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 8Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 9Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 10Page - Silicon Standard Corp. SS6578CNTB Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SS6578
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS-
7
CS+
8
U2 SS6578
R8
12K
R9
3K9
C2
0.1
µF
+VOUT, 5V/2A
Rs
20mR
+
C4
1500
µF/6.3V
D2
SS32
+
C5
470
µ/16V
+VIN
12V
L2
33
µH
Q2
D3
6.8V
R6
680
FUSE1
Fast 3A
Fig 12. Add a Fast Fuse Solution
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS- 7
CS+
8
U2
SS6578
R8
12K
R9
3K9
C2
0.1
µF
+VOUT, 5V/2A
Rs
20mR
+
C4
1500
µF
6.3V
D2
SS32
+
C5
470
µF
+VIN 12V
L2 33
µH
Q2
D3
6.8V
R6
680
R1
240K
C1
1
µ
Q1
PNP
R2
10K
D1
LL4148
Short Circuit Protection
mmbt3906
16V
Fig 13. Add A Short Circuit Protection Circuit Solution
Rev.2.02 4/06/2004


Similar Part No. - SS6578CNTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6578CNTB ETC-SS6578CNTB Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
More results

Similar Description - SS6578CNTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
   High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
   10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
   Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
   10A Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com