Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6563-CSTB Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6563-CSTB
Description  Versatile DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563-CSTB Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6563-CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6563-CSTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.SiliconStandard.com
9 of 10
SS6563
APPLICATION EXAMPLES
(Continued)
BOOST
IS
8
7
6
5
4
3
2
1
FB
VCC
DC
DE
CF
GND
VOUT
VIN
+
+
C0
D1
Q1
R2
CT
RB
C1
RS
R1
L
RA
Fig. 5 Step-Up Converter with External NPN Switch
D1
1N5819
100
µH
RA
8.2K
953
RB
C1
C0
CT
RS
0.26
8
7
6
5
4
3
2
1
CF
GND
100
µF
VOUT
-12V/100mA
VIN
4.5V~6V
560pF
470
µF
+
+
L1
DC
DE
VCC
FB
BOOST
IS
Line Regulation
VIN = 4.5V~6V @ IO=100mA
20mV
Load Regulation
VIN = 5V, @ IO=10mA~100mA
100mV
Fig. 6 Inverting Converter
SS6563
SS6563
Rev.2.02 4/06/2004


Similar Part No. - SS6563-CSTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
SS6568CSTB SSC-SS6568CSTB Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
SS6568CSTR SSC-SS6568CSTR Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
SS6569ACSTB SSC-SS6569ACSTB Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
More results

Similar Description - SS6563-CSTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
   Versatile DC/DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com