Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6117A-33GETB Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6117A-33GETB
Description  1A Low-Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6117A-33GETB Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6117A-33GETB Datasheet HTML 1Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 2Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 3Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 4Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 5Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 6Page - Silicon Standard Corp. SS6117A-33GETB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6117AG
ELECTRICAL CHARACTERISTICS
(VIN=5V, TJ=25°C, Io=10mA, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
TJ=25°C
1.238
1.25
1.262
Reference voltage
0°C
≤TJ≤125°C
2.65V
≤VIN≤7V
10mA
≤Io≤1A
1.225
1.25
1.275
V
SS6117A-18G, VIN=3.3V
1.78
1.80
1.82
SS6117A-25G, VIN=5V
2.47
2.50
2.53
SS6117A-28G, VIN=5V
2.82
2.85
2.88
SS6117A-33G, VIN=5V
3.26
3.30
3.33
SS6117A-50G, VIN=7V
4.95
5.00
5.05
Output voltage
SS6117AG
0°C
≤TJ≤125°C
2.65V
≤VIN≤7V
10mA
≤IO≤1A
0.98VOUT
VOUT
1.02VOUT
V
2.65
≤VIN≤7V, TJ=25°C
0.015
0.2
Line regulation
0
°C≤TJ≤125°C
0.035
0.2
%VOUT
TJ=25°C, IO=10mA ~1A
0.1
0.3
Load regulation
0°C
≤TJ≤125°C
0.2
0.4
%VOUT
Dropout voltage
∆VOUT, ∆VREF=1%, IO=1A
0°C
≤TJ≤125°C
1.3
1.5
V
Current limit
0°C
≤TJ≤125°C
1
A
Adjustable pin current (IADJ)
2.65
≤VIN≤7V
10mA
≤IO≤1A
0°C
≤TJ≤125°C
55
120
µA
Adjustable pin current change
(
∆IADJ)
2.65
≤VIN≤7V
10mA
≤IO≤1A
0°C
≤TJ≤125°C
0.2
5
µA
Temperature stability
IO=0.5A
0°C
≤TJ≤125°C
0.5
% VOUT
Minimum load current (Adj.)
0°C
≤TJ≤125°C
5
10
mA
Quiescent current (fixed outputs)
0°C
≤TJ≤125°C
10
14
mA
RMS output noise (% of VOUT)
10Hz
≤f≤10KHz
0.003
%VOUT
Ripple rejection ratio
120Hz input ripple
COUT=25
µF
60
72
dB
8/16/2006 Rev.3.01


Similar Part No. - SS6117A-33GETB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS610 FRONTIER-SS610 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS610 ASEMI-SS610 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS610-LFR FRONTIER-SS610-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
logo
Frontier Electronics.
SS610B FRONTIER-SS610B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS6117A-33GETB

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com