Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6383 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6383
Description  1.5A DDR Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383 Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS6383 Datasheet HTML 1Page - Silicon Standard Corp. SS6383 Datasheet HTML 2Page - Silicon Standard Corp. SS6383 Datasheet HTML 3Page - Silicon Standard Corp. SS6383 Datasheet HTML 4Page - Silicon Standard Corp. SS6383 Datasheet HTML 5Page - Silicon Standard Corp. SS6383 Datasheet HTML 6Page - Silicon Standard Corp. SS6383 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
10/07/2004 Rev.1.01
SS6383(G)
PIN DESCRIPTIONS
PIN 1:
VIN
- Input supply pin - provides
power to create the external
reference voltage using a
resistor divider for regulating
VREF and VOUT.
PIN 2:
GND
- Ground pin.
PIN 3:
VREF - Reference voltage input. Pull this
pin low to shut the device down.
PIN 4:
VOUT - Output pin.
PIN 5~8: VCNTL - Input supply pin - supplies all
the internal control circuitry.
APPLICATION INFORMATION
Layout Consideration
The SS6383 is in an SO-8 package and is unable
to dissipate heat easily when operating with high
currents. In order to avoid exceeding the maximum
junction temperature, an appropriate area of copper
must be used.
The large copper area around the VCNTL pins can
be used to assist the heat dissipation. Vias to lead
heat into the bottom layer are also recommended.
All capacitors should be placed as close to the
relative IC pin as possible.
Fig. 10. Top layer
Fig. 11. Bottom layer
Fig. 12. Placement


Similar Part No. - SS6383

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AGE5TR SSC-SS6383AGE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
More results

Similar Description - SS6383

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com