Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS6084-15CMTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6084-15CMTR
Description  5A Low-dropout Positive Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6084-15CMTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6084-15CMTR Datasheet HTML 1Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 2Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 3Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 4Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 5Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 6Page - Silicon Standard Corp. SS6084-15CMTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
SS6084
Rev.2.02 4/06/2004
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 3
Dropout Voltage (VOUT=3.3V)
Output Current (A)
0
1
2
3
4
5
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Fig. 4
Minimum Operating Current
Differential Voltage (V)
0
1
2
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
Fig. 5
Minimum Operating Current
Differential Voltage (V)
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
Fig. 6
SS6084 (ADJ.) Short Circuit Current
VIN-VOUT (V)
10
1
10
2
10
3
10
4
10
5
10
6
10
7
-80
-70
-60
-50
-40
-30
-20
Fig. 7
SS6084 (ADJ.) Ripple Rejection
COUT=3.3
µF
Frequency (Hz)
COUT=10
µF
COUT=25µF


Similar Part No. - SS6084-15CMTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6085 SSC-SS6085 Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CETB SSC-SS6085-15CETB Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CETR SSC-SS6085-15CETR Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CMTB SSC-SS6085-15CMTB Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
SS6085-15CMTR SSC-SS6085-15CMTR Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
More results

Similar Description - SS6084-15CMTR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
logo
BCD Semiconductor Manuf...
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com