Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS4035G Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part No. SS4035G
Description  Two-Cell Li-Ion and Li-Polymer Charge Management IC
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSC [Silicon Standard Corp.]
Homepage  http://www.siliconstandard.com
Logo 

SS4035G Datasheet(HTML) 10 Page - Silicon Standard Corp.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SS4035G
1/09/2006 Rev.3.01
PHYSICAL DIMENSIONS (units: inches)
0.10mm
C
SEATING PLANE
SO-20
H
G
Θ
B A
C 1
C
E
F
D
min.
nom.
max.
A
0.394
-
0.419
B
0.290
-
0.300
C
0.014
-
0.020
C1
0.480
-
0.520
D
0.092
-
0.104
E
-
0.050
-
F
0.004
-
-
G
0.032
-
0.038
H
0.004
-
0.012
Q
0 º
-
10 º
Dimensions in inches
Symbol


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn