Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS4003 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part No. SS4003
Description  Smart Battery Power Management
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSC [Silicon Standard Corp.]
Homepage  http://www.siliconstandard.com
Logo 

SS4003 Datasheet(HTML) 9 Page - Silicon Standard Corp.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.SiliconStandard.com
9 of 10
SS4003
2/01/2005 Rev.1.01
0.10mm C
SEATING PLANE
PACKAGE DIMENSIONS:
H
G
?
B A
C 1
C
E
F
D
min.
nom.
max.
A
394
-
419
B
290
-
300
C
14
-
20
C1
590
-
614
D
92
-
104
E
-
50
-
F
4
-
-
G
32
-
38
H
4
-
12
?
-
10°
Symbol
Dimensioninmil
SO-24


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn