Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14-T1 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SS14-T1
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS14-T1 Datasheet(HTML) 1 Page - Won-Top Electronics

  SS14-T1 Datasheet HTML 1Page - Won-Top Electronics SS14-T1 Datasheet HTML 2Page - Won-Top Electronics SS14-T1 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12 – S100
1 of 3
© 2002 Won-Top Electronics
SS12 – S100
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
!
Ideally Suited for Automatic Assembly
B
!
Low Power Loss, High Efficiency
!
Surge Overload Rating to 30A Peak
D
!
For Use in Low Voltage Application
A
!
Guard Ring Die Construction
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
E
Mechanical Data
!
Case: Low Profile Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS12
SS13
SS14
SS15
SS16
SS18
SS19
S100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
90
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
64
71
V
Average Rectified Output Current
@TL = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
0.55
0.70
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
88
K/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad areas
WT E
PO W E R SEM IC ONDUCTORS
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.40
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm


Similar Part No. - SS14-T1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS14-T3 WTE-SS14-T3 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS14-T1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com