Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S110-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # S110-T3
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S110-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  S110-T3 Datasheet HTML 1Page - Won-Top Electronics S110-T3 Datasheet HTML 2Page - Won-Top Electronics S110-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SK12 – S110
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SK12-T1
SMB
500/Tape & Reel
SK12-T3
SMB
3000/Tape & Reel
SK13-T1
SMB
500/Tape & Reel
SK13-T3
SMB
3000/Tape & Reel
SK14-T1
SMB
500/Tape & Reel
SK14-T3
SMB
3000/Tape & Reel
SK15-T1
SMB
500/Tape & Reel
SK15-T3
SMB
3000/Tape & Reel
SK16-T1
SMB
500/Tape & Reel
SK16-T3
SMB
3000/Tape & Reel
SK18-T1
SMB
500/Tape & Reel
SK18-T3
SMB
3000/Tape & Reel
SK19-T1
SMB
500/Tape & Reel
SK19-T3
SMB
3000/Tape & Reel
S110-T1
SMB
500/Tape & Reel
S110-T3
SMB
3000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.050 MIN
(1.27 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.082 MIN
(2.10 MIN)
0.106 MAX
(2.69 MAX)


Similar Part No. - S110-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S110-T3 WTE-S110-T3 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - S110-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com