Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK38-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SK38-T3
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK38-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  SK38-T3 Datasheet HTML 1Page - Won-Top Electronics SK38-T3 Datasheet HTML 2Page - Won-Top Electronics SK38-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SK32 – S310
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SK32-T1
SMC
500/Tape & Reel
SK32-T3
SMC
3000/Tape & Reel
SK33-T1
SMC
500/Tape & Reel
SK33-T3
SMC
3000/Tape & Reel
SK34-T1
SMC
500/Tape & Reel
SK34-T3
SMC
3000/Tape & Reel
SK35-T1
SMC
500/Tape & Reel
SK35-T3
SMC
3000/Tape & Reel
SK36-T1
SMC
500/Tape & Reel
SK36-T3
SMC
3000/Tape & Reel
SK38-T1
SMC
500/Tape & Reel
SK38-T3
SMC
3000/Tape & Reel
SK39-T1
SMC
500/Tape & Reel
SK39-T3
SMC
3000/Tape & Reel
S310-T1
SMC
500/Tape & Reel
S310-T3
SMC
3000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.060 MIN
(1.52 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.121 MIN
(3.07 MIN)
0.185 MAX
(4.69 MAX)


Similar Part No. - SK38-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK38-T3 WTE-SK38-T3 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SK38-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_1 Datasheet
158Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
ES3A DIODES-ES3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B360AM DIODES-B360AM Datasheet
449Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B320B DIODES-B320B Datasheet
162Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com